Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AT91SAM7X256 Datasheet(PDF) 91 Page - ATMEL Corporation

No. de Pieza. AT91SAM7X256
Descripción  AT91 ARM Thumb-based Microcontrollers
Descarga  664 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X256 Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button AT91SAM7X256 Hoja de datos HTML 87Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 88Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 89Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 90Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 91Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 92Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 93Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 94Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 664 page
background image
91
6120D–ATARM–02-Feb-06
AT91SAM7X256/128 Preliminary
19.3.2.1
Internal Memory Mapping
Within the Internal Memory address space, the Address Decoder of the Memory Controller
decodes eight more address bits to allocate 1-Mbyte address spaces for the embedded
memories.
The allocated memories are accessed all along the 1-Mbyte address space and so are repeated
n times within this address space, n equaling 1M bytes divided by the size of the memory.
When the address of the access is undefined within the internal memory area, the Address
Decoder returns an Abort to the master.
Figure 19-3. Internal Memory Mapping
19.3.2.2
Internal Memory Area 0
The first 32 bytes of Internal Memory Area 0 contain the ARM processor exception vectors, in
particular, the Reset Vector at address 0x0.
Before execution of the remap command, the on-chip Flash is mapped into Internal Memory
Area 0, so that the ARM7TDMI reaches an executable instruction contained in Flash. After the
remap command, the internal SRAM at address 0x0020 0000 is mapped into Internal Memory
Area 0. The memory mapped into Internal Memory Area 0 is accessible in both its original loca-
tion and at address 0x0.
19.3.3
Remap Command
After execution, the Remap Command causes the Internal SRAM to be accessed through the
Internal Memory Area 0.
As the ARM vectors (Reset, Abort, Data Abort, Prefetch Abort, Undefined Instruction, Interrupt,
and Fast Interrupt) are mapped from address 0x0 to address 0x20, the Remap Command allows
the user to redefine dynamically these vectors under software control.
The Remap Command is accessible through the Memory Controller User Interface by writing the
MC_RCR (Remap Control Register) RCB field to one.
The Remap Command can be cancelled by writing the MC_RCR RCB field to one, which acts as
a toggling command. This allows easy debug of the user-defined boot sequence by offering a
simple way to put the chip in the same configuration as after a reset.
256M Bytes
Internal Memory Area 0
Undefined Areas
(Abort)
0x0000 0000
0x000F FFFF
0x0010 0000
0x001F FFFF
0x0020 0000
0x002F FFFF
0x0FFF FFFF
1M Bytes
1M Bytes
1M Bytes
252M bytes
Internal Memory Area 1
Internal Flash
Internal Memory Area 2
Internal SRAM
0x0030 0000
Internal Memory Area 3
Internal SRAM
0x003F FFFF
0x0040 0000
1M Bytes


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn