Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AT91SAM7X256 Datasheet(PDF) 100 Page - ATMEL Corporation

No. de Pieza. AT91SAM7X256
Descripción  AT91 ARM Thumb-based Microcontrollers
Descarga  664 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X256 Datasheet(HTML) 100 Page - ATMEL Corporation

Back Button AT91SAM7X256 Hoja de datos HTML 96Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 97Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 98Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 99Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 100Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 101Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 102Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 103Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 104Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 664 page
background image
100
6120D–ATARM–02-Feb-06
AT91SAM7X256/128 Preliminary
Figure 20-1. Embedded Flash Memory Mapping
20.1.2
Read Operations
An optimized controller manages embedded Flash reads. A system of 2 x 32-bit buffers is added
in order to start access at following address during the second read, thus increasing perfor-
mance when the processor is running in Thumb mode (16-bit instruction set). See Figure 20-2,
Figure 20-3 and Figure 20-4.
This optimization concerns only Code Fetch and not Data.
The read operations can be performed with or without wait state. Up to 3 wait states can be pro-
grammed in the field FWS (Flash Wait State) in the Flash Mode Register MC_FMR (see ”MC
Flash Mode Register” on page 110). Defining FWS to be 0 enables the single-cycle access of
the embedded Flash.
The Flash memory is accessible through 8-, 16- and 32-bit reads.
As the Flash block size is smaller than the address space reserved for the internal memory area,
the embedded Flash wraps around the address space and appears to be repeated within it.
Lock Region 0
Lock Region
(n-1)
Page 0
Page (m-1)
Start Address
32-bit wide
Flash Memory
Page ( (n-1)*m )
Page (n*m-1)
Lock Bit 0
Lock Region 1
Lock Bit 1
Lock Bit n-1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn