Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AT91SAM7X256 Datasheet(PDF) 12 Page - ATMEL Corporation

No. de pieza AT91SAM7X256
Descripción Electrónicos  AT91 ARM Thumb-based Microcontrollers
Download  664 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X256 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT91SAM7X256 Datasheet HTML 8Page - ATMEL Corporation AT91SAM7X256 Datasheet HTML 9Page - ATMEL Corporation AT91SAM7X256 Datasheet HTML 10Page - ATMEL Corporation AT91SAM7X256 Datasheet HTML 11Page - ATMEL Corporation AT91SAM7X256 Datasheet HTML 12Page - ATMEL Corporation AT91SAM7X256 Datasheet HTML 13Page - ATMEL Corporation AT91SAM7X256 Datasheet HTML 14Page - ATMEL Corporation AT91SAM7X256 Datasheet HTML 15Page - ATMEL Corporation AT91SAM7X256 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 664 page
background image
12
6120D–ATARM–02-Feb-06
AT91SAM7X256/128 Preliminary
7.6
I/O Lines Current Drawing
The PIO lines PA0 to PA3 are high-drive current capable. Each of these I/O lines can drive up to
16 mA permanently.
The remaining I/O lines can draw only 8 mA.
However, the total current drawn by all the I/O lines cannot exceed 200 mA.


Número de pieza similar - AT91SAM7X256

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
AT91SAM7X256 ATMEL-AT91SAM7X256 Datasheet
803Kb / 45P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7X256 ATMEL-AT91SAM7X256 Datasheet
10Mb / 687P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7X256 ATMEL-AT91SAM7X256 Datasheet
413Kb / 44P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7X256-AU ATMEL-AT91SAM7X256-AU Datasheet
1Mb / 45P
   Incorporates the ARM7TDMI ARM Thumb Processor
AT91SAM7X256-AU ATMEL-AT91SAM7X256-AU Datasheet
803Kb / 45P
   AT91 ARM Thumb-based Microcontrollers
More results

Descripción similar - AT91SAM7X256

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
AT91SAM7A3 ATMEL-AT91SAM7A3 Datasheet
311Kb / 32P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
2Mb / 495P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261 ATMEL-AT91SAM9261_1 Datasheet
613Kb / 43P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1_05 Datasheet
5Mb / 402P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A2_0407 ATMEL-AT91SAM7A2_0407 Datasheet
145Kb / 16P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G10 ATMEL-AT91SAM9G10_1 Datasheet
11Mb / 730P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G46 ATMEL-AT91SAM9G46 Datasheet
1Mb / 59P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB_10 Datasheet
297Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S ATMEL-AT91SAM9261S_09 Datasheet
643Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
ATSAM3U ATMEL-ATSAM3U Datasheet
176Kb / 7P
   AT91 ARM Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com