Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AT91SAM7X256 Datasheet(PDF) 19 Page - ATMEL Corporation

No. de Pieza. AT91SAM7X256
Descripción  AT91 ARM Thumb-based Microcontrollers
Descarga  664 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo 

AT91SAM7X256 Datasheet(HTML) 19 Page - ATMEL Corporation

Zoom Inzoom in Zoom Outzoom out
 19 / 664 page
background image
19
6120D–ATARM–02-Feb-06
AT91SAM7X256/128 Preliminary
• GPNVM Bit 0 is used as a brownout detector enable bit. Setting the GPNVM Bit 0 enables
the BOD, clearing it disables the BOD. Asserting ERASE clears the GPNVM Bit 0 and thus
disables the brownout detector by default.
• The GPNVM Bit 1 is used as a brownout reset enable signal for the reset controller. Setting
the GPNVM Bit 1 enables the brownout reset when a brownout is detected, Clearing the
GPNVM Bit 1 disables the brownout reset. Asserting ERASE disables the brownout reset by
default.
9.4.6
Calibration Bits
Eight NVM bits are used to calibrate the brownout detector and the voltage regulator. These bits
are factory configured and cannot be changed by the user. The ERASE pin has no effect on the
calibration bits.
9.5
Fast Flash Programming Interface
The Fast Flash Programming Interface allows programming the device through either a serial
JTAG interface or through a multiplexed fully-handshaked parallel port. It allows gang-program-
ming with market-standard industrial programmers.
The FFPI supports read, page program, page erase, full erase, lock, unlock and protect
commands.
The Fast Flash Programming Interface is enabled and the Fast Programming Mode is entered
when the TST pin and the PA0 and PA1 pins are all tied high.
9.6
SAM-BA Boot Assistant
The SAM-BA Boot Assistant is a default Boot Program that provides an easy way to program in-
situ the on-chip Flash memory.
The SAM-BA Boot Assistant supports serial communication via the DBGU or the USB Device
Port.
• Communication via the DBGU supports a wide range of crystals from 3 to 20 MHz via
software auto-detection.
• Communication via the USB Device Port is limited to an 18.432 MHz crystal.
The SAM-BA Boot provides an interface with SAM-BA Graphic User Interface (GUI).
The SAM-BA Boot is in ROM and is mapped in Flash at address 0x0 when the GPNVM Bit 2 is
set to 0.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn