Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AT91SAM7X256 Datasheet(PDF) 23 Page - ATMEL Corporation

No. de Pieza. AT91SAM7X256
Descripción  AT91 ARM Thumb-based Microcontrollers
Descarga  664 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo 

AT91SAM7X256 Datasheet(HTML) 23 Page - ATMEL Corporation

Zoom Inzoom in Zoom Outzoom out
 23 / 664 page
background image
23
6120D–ATARM–02-Feb-06
AT91SAM7X256/128 Preliminary
10.3
Clock Generator
The Clock Generator embeds one low-power RC Oscillator, one Main Oscillator and one PLL
with the following characteristics:
• RC Oscillator ranges between 22 KHz and 42 KHz
• Main Oscillator frequency ranges between 3 and 20 MHz
• Main Oscillator can be bypassed
• PLL output ranges between 80 and 200 MHz
It provides SLCK, MAINCK and PLLCK.
Figure 10-3. Clock Generator Block Diagram
Embedded
RC
Oscillator
Main
Oscillator
PLL and
Divider
Clock Generator
Power
Management
Controller
XIN
XOUT
PLLRC
Slow Clock
SLCK
Main Clock
MAINCK
PLL Clock
PLLCK
Control
Status


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn