Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AT91SAM7X256 Datasheet(PDF) 32 Page - ATMEL Corporation

No. de Pieza. AT91SAM7X256
Descripción  AT91 ARM Thumb-based Microcontrollers
Descarga  664 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X256 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT91SAM7X256 Hoja de datos HTML 28Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 29Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 30Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 31Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 32Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 33Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 34Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 35Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 664 page
background image
32
6120D–ATARM–02-Feb-06
AT91SAM7X256/128 Preliminary
11.6
Ethernet MAC
• DMA Master on Receive and Transmit Channels
• Compatible with IEEE Standard 802.3
• 10 and 100 Mbit/s operation
• Full- and half-duplex operation
• Statistics Counter Registers
• MII/RMII interface to the physical layer
• Interrupt generation to signal receive and transmit completion
• 28-byte transmit FIFO and 28-byte receive FIFO
• Automatic pad and CRC generation on transmitted frames
• Automatic discard of frames received with errors
• Address checking logic supports up to four specific 48-bit addresses
• Support Promiscuous Mode where all valid received frames are copied to memory
• Hash matching of unicast and multicast destination addresses
• Physical layer management through MDIO interface
• Half-duplex flow control by forcing collisions on incoming frames
• Full-duplex flow control with recognition of incoming pause frames
• Support for 802.1Q VLAN tagging with recognition of incoming VLAN and priority tagged
frames
• Multiple buffers per receive and transmit frame
• Jumbo frames up to 10240 bytes supported
11.7
Serial Peripheral Interface
• Supports communication with external serial devices
– Four chip selects with external decoder allow communication with up to 15
peripherals
– Serial memories, such as DataFlash® and 3-wire EEPROMs
– Serial peripherals, such as ADCs, DACs, LCD Controllers, CAN Controllers and
Sensors
– External co-processors
• Master or slave serial peripheral bus interface
– 8- to 16-bit programmable data length per chip select
– Programmable phase and polarity per chip select
– Programmable transfer delays per chip select, between consecutive transfers and
between clock and data
– Programmable delay between consecutive transfers
– Selectable mode fault detection
– Maximum frequency at up to Master Clock
11.8
Two-wire Interface
• Master Mode only
• Compatibility with standard two-wire serial memories


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn