Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AT91SAM7X256 Datasheet(PDF) 39 Page - ATMEL Corporation

No. de Pieza. AT91SAM7X256
Descripción  AT91 ARM Thumb-based Microcontrollers
Descarga  664 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X256 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT91SAM7X256 Hoja de datos HTML 35Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 36Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 37Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 38Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 39Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 40Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 41Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 42Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 664 page
background image
39
6120D–ATARM–02-Feb-06
AT91SAM7X256/128 Preliminary
Registers R0 to R7 are unbanked registers. This means that each of them refers to the same 32-
bit physical register in all processor modes. They are general-purpose registers, with no special
uses managed by the architecture, and can be used wherever an instruction allows a general-
purpose register to be specified.
Registers R8 to R14 are banked registers. This means that each of them depends on the current
mode of the processor.
12.2.4.1
Modes and Exception Handling
All exceptions have banked registers for R14 and R13.
After an exception, R14 holds the return address for exception processing. This address is used
to return after the exception is processed, as well as to address the instruction that caused the
exception.
R13 is banked across exception modes to provide each exception handler with a private stack
pointer.
The fast interrupt mode also banks registers 8 to 12 so that interrupt processing can begin with-
out having to save these registers.
Table 12-1.
ARM7TDMI ARM Modes and Registers Layout
User and
System Mode
Supervisor
Mode
Abort Mode
Undefined
Mode
Interrupt
Mode
Fast Interrupt
Mode
R0
R0
R0
R0
R0
R0
R1
R1
R1
R1
R1
R1
R2
R2
R2
R2
R2
R2
R3
R3
R3
R3
R3
R3
R4
R4
R4
R4
R4
R4
R5
R5
R5
R5
R5
R5
R6
R6
R6
R6
R6
R6
R7
R7
R7
R7
R7
R7
R8
R8
R8
R8
R8
R8_FIQ
R9
R9
R9
R9
R9
R9_FIQ
R10
R10
R10
R10
R10
R10_FIQ
R11
R11
R11
R11
R11
R11_FIQ
R12
R12
R12
R12
R12
R12_FIQ
R13
R13_SVC
R13_ABORT
R13_UNDEF
R13_IRQ
R13_FIQ
R14
R14_SVC
R14_ABORT
R14_UNDEF
R14_IRQ
R14_FIQ
PC
PC
PC
PC
PC
PC
CPSR
CPSR
CPSR
CPSR
CPSR
CPSR
SPSR_SVC
SPSR_ABORT
SPSR_UNDEF
SPSR_IRQ
SPSR_FIQ
Mode-specific banked registers


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn