Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AT91SAM7X256 Datasheet(PDF) 43 Page - ATMEL Corporation

No. de Pieza. AT91SAM7X256
Descripción  AT91 ARM Thumb-based Microcontrollers
Descarga  664 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X256 Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button AT91SAM7X256 Hoja de datos HTML 39Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 40Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 41Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 42Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 43Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 44Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 45Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 46Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 664 page
background image
43
6120D–ATARM–02-Feb-06
AT91SAM7X256/128 Preliminary
13. Debug and Test Features
13.1
Description
The AT91SAM7X Series features a number of complementary debug and test capabilities. A
common JTAG/ICE (In-Circuit Emulator) port is used for standard debugging functions, such as
downloading code and single-stepping through programs. The Debug Unit provides a two-pin
UART that can be used to upload an application into internal SRAM. It manages the interrupt
handling of the internal COMMTX and COMMRX signals that trace the activity of the Debug
Communication Channel.
A set of dedicated debug and test input/output pins gives direct access to these capabilities from
a PC-based test environment.
13.2
Block Diagram
Figure 13-1. Debug and Test Block Diagram
ICE
PDC
DBGU
DRXD
DTXD
TST
TMS
TCK
TDI
JTAGSEL
TDO
Boundary
TAP
ICE/JTAG
TAP
ARM7TDMI
Reset
and
Test
POR


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn