Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AT91SAM7X256 Datasheet(PDF) 45 Page - ATMEL Corporation

No. de Pieza. AT91SAM7X256
Descripción  AT91 ARM Thumb-based Microcontrollers
Descarga  664 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X256 Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT91SAM7X256 Hoja de datos HTML 41Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 42Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 43Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 44Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 45Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 46Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 47Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 48Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 664 page
background image
45
6120D–ATARM–02-Feb-06
AT91SAM7X256/128 Preliminary
13.3.2
Test Environment
Figure 13-3 shows a test environment example. Test vectors are sent and interpreted by the
tester. In this example, the “board in test” is designed using a number of JTAG-compliant
devices. These devices can be connected to form a single scan chain.
Figure 13-3. Application Test Environment Example
13.4
Debug and Test Pin Description
Tester
JTAG
Interface
ICE/JTAG
Connector
AT91SAM7Xxx-based Application Board In Test
AT91SAM7Xxx
Test Adaptor
Chip 2
Chip n
Chip 1
Table 13-1.
Debug and Test Pin List
Pin Name
Function
Type
Active Level
Reset/Test
NRST
Microcontroller Reset
Input/Output
Low
TST
Test Mode Select
Input
High
ICE and JTAG
TCK
Test Clock
Input
TDI
Test Data In
Input
TDO
Test Data Out
Output
TMS
Test Mode Select
Input
JTAGSEL
JTAG Selection
Input
Debug Unit
DRXD
Debug Receive Data
Input
DTXD
Debug Transmit Data
Output


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn