Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AT91SAM7X256 Datasheet(PDF) 58 Page - ATMEL Corporation

No. de Pieza. AT91SAM7X256
Descripción  AT91 ARM Thumb-based Microcontrollers
Descarga  664 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X256 Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button AT91SAM7X256 Hoja de datos HTML 54Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 55Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 56Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 57Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 58Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 59Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 60Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 61Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 664 page
background image
58
6120D–ATARM–02-Feb-06
AT91SAM7X256/128 Preliminary
14.3.3
Reset States
The Reset State Manager handles the different reset sources and generates the internal reset
signals. It reports the reset status in the field RSTTYP of the Status Register (RSTC_SR). The
update of the field RSTTYP is performed when the processor reset is released.
14.3.3.1
Power-up Reset
When VDDCORE is powered on, the Main Supply POR cell output is filtered with a start-up
counter that operates at Slow Clock. The purpose of this counter is to ensure that the Slow
Clock oscillator is stable before starting up the device.
The startup time, as shown in Figure 14-4, is hardcoded to comply with the Slow Clock Oscillator
startup time. After the startup time, the reset signals are released and the field RSTTYP in
RSTC_SR reports a Power-up Reset.
When VDDCORE is detected low by the Main Supply POR Cell, all reset signals are asserted
immediately.
Figure 14-4. Power-up Reset
SLCK
periph_nreset
proc_nreset
Main Supply
POR output
NRST
(nrst_out)
EXTERNAL RESET LENGTH
= 2 cycles
Startup Time
MCK
Processor Startup
= 3 cycles
Any
Freq.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn