Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AT91SAM7X256 Datasheet(PDF) 60 Page - ATMEL Corporation

No. de Pieza. AT91SAM7X256
Descripción  AT91 ARM Thumb-based Microcontrollers
Descarga  664 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X256 Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button AT91SAM7X256 Hoja de datos HTML 56Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 57Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 58Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 59Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 60Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 61Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 62Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 63Page - ATMEL Corporation AT91SAM7X256 Hoja de datos HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 664 page
background image
60
6120D–ATARM–02-Feb-06
AT91SAM7X256/128 Preliminary
14.3.3.3
Brownout Reset
When the brown_out/bod_reset signal is asserted, the Reset State Manager immediately enters
the Brownout Reset. In this state, the processor, the peripheral and the external reset lines are
asserted.
The Brownout Reset is left 3 Slow Clock cycles after the rising edge of brown_out/bod_reset
after a two-cycle resynchronization. An external reset is also triggered.
When the processor reset is released, the field RSTTYP in RSTC_SR is loaded with the value
0x5, thus indicating that the last reset is a Brownout Reset.
Figure 14-6. Brownout Reset State
SLCK
periph_nreset
proc_nreset
brown_out
or bod_reset
NRST
(nrst_out)
EXTERNAL RESET LENGTH
8 cycles (ERSTL=2)
MCK
Processor Startup
= 3 cycles
Any
Freq.
RSTTYP
Any
XXX
0x5 = Brownout Reset
Resynch.
2 cycles


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn