Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FWIXPEED0SE000 Datasheet(PDF) 36 Page - Intel Corporation

No. de pieza FWIXPEED0SE000
Descripción Electrónicos  Advanced 8-Port 10/100 Mbps PHY Transceivers
Download  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

FWIXPEED0SE000 Datasheet(HTML) 36 Page - Intel Corporation

Back Button FWIXPEED0SE000 Datasheet HTML 32Page - Intel Corporation FWIXPEED0SE000 Datasheet HTML 33Page - Intel Corporation FWIXPEED0SE000 Datasheet HTML 34Page - Intel Corporation FWIXPEED0SE000 Datasheet HTML 35Page - Intel Corporation FWIXPEED0SE000 Datasheet HTML 36Page - Intel Corporation FWIXPEED0SE000 Datasheet HTML 37Page - Intel Corporation FWIXPEED0SE000 Datasheet HTML 38Page - Intel Corporation FWIXPEED0SE000 Datasheet HTML 39Page - Intel Corporation FWIXPEED0SE000 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 226 page
background image
LXT9785 and LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers
38
Datasheet
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
206
205
C15,
B17
RxData6_0
RxData6_1
O, TS
O, TS, ID
Receive Data - Port 6.
Receive data signals (2-bit parallel di-bits) are driven
synchronously to REFCLK.
198
197
E16,
F14
RxData7_0
RxData7_1
O, TS
O, TS, ID
Receive Data - Port 7.
Receive data signals (2-bit parallel di-bits) are driven
synchronously to REFCLK.
58
49
39
31
17
10
1
200
E4,
C4,
A5,
B8,
B12,
D12,
B16,
E15
CRS_DV0
CRS_DV1
CRS_DV2
CRS_DV3
CRS_DV4
CRS_DV5
CRS_DV6
CRS_DV7
O, TS, SL,
ID
Carrier Sense/Receive Data Valid - Ports 0-7.
On detection of valid carrier, these signals are
asserted asynchronously with respect to REFCLK.
CRS_DVn is de-asserted on loss of carrier,
synchronous to REFCLK.
59
50
40
32
20
11
2
201
D2,
D5,
D7,
C8,
A12,
A15,
A17,
D17
RxER0
RxER1
RxER2
RxER3
RxER4
RxER5
RxER6
RxER7
O, TS, SL,
ID
Receive Error - Ports 0-7.
These signals are synchronous to the respective
REFCLK. Active High indicates that received code
group is invalid, or that PLL is not locked.
The RxER signals have the following additional
function pins:
RxER0 (MDIX)
RxER1 (PAUSE)
RxER2 (PREASEL)
RxER4 (FIFOSEL0)
RxER5 (FIFOSEL1)
RxER6 (LINKHOLD)
Table 5. Intel® LXT9785/LXT9785E RMII Signal Descriptions – PQFP (Sheet 3 of 3)
Pin-Ball
Designation
Symbol
Type1
Signal Description2,3
PQFP
PBGA
1. Type Column Coding: I = Input, O = Output, OD = Open Drain output, ST = Schmitt Triggered input, TS =
Three-State-able output, SL = Slew-rate Limited output, IP = weak Internal Pull-up, ID = weak Internal pull-
Down.
2. The IP/ID resistors are disabled during H/W Power-Down mode. If a Pin is an output or an I/O, the IP/ID
resistors are also disabled when the output is enabled.
3. RxData[0:7]_0, RxData[0:7]_1, CRS_DV[0:7] and RxER[0:7] outputs are three-stated in Isolation and H/W
Power-Down modes and during H/W reset.


Número de pieza similar - FWIXPEED0SE000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intel Corporation
FWIXP420BB INTEL-FWIXP420BB Datasheet
1Mb / 134P
   Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
FWIXP420BC INTEL-FWIXP420BC Datasheet
1Mb / 134P
   Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
FWIXP420BD INTEL-FWIXP420BD Datasheet
1Mb / 134P
   Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
FWIXP421BB INTEL-FWIXP421BB Datasheet
1Mb / 134P
   Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
FWIXP422BB INTEL-FWIXP422BB Datasheet
1Mb / 134P
   Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
More results

Descripción similar - FWIXPEED0SE000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT972M INTEL-LXT972M Datasheet
1Mb / 92P
   Single-Port 10/100 Mbps PHY Transceiver
logo
Advantech Co., Ltd.
EDG-6528 ADVANTECH-EDG-6528 Datasheet
63Kb / 1P
   8-port 10/100 Mbps Industrial Ethernet Switches
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
logo
Advantech Co., Ltd.
EKI-6538 ADVANTECH-EKI-6538 Datasheet
64Kb / 1P
   8-port 10/100 Mbps Industrial Smart Ethernet Switch
logo
List of Unclassifed Man...
BS-2108U ETC2-BS-2108U Datasheet
414Kb / 2P
   8-port Unmanaged Layer 2 100/10 Mbps Switch
KS8995 ETC-KS8995 Datasheet
43Kb / 2P
   5 Port 10/100 Switch with PHY
logo
Vitesse Semiconductor C...
VSC8538XHJ VITESSE-VSC8538XHJ Datasheet
252Kb / 2P
   Octal Port 10/100/1000BASE-T PHY
logo
Micrel Semiconductor
KS8997 MICREL-KS8997_07 Datasheet
620Kb / 39P
   8-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8997 MICREL-KS8997 Datasheet
168Kb / 37P
   8-Port 10/100 Integrated Switch with PHY and Frame Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com