Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC9S08AW60 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

No. de Pieza. MC9S08AW60
Descripción  Microcontrollers
Descarga  324 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC9S08AW60 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 27 / 324 page
background image
Chapter 2 Pins and Connections
MC9S08AW60 Data Sheet, Rev 2
Freescale Semiconductor
27
Figure 2-4. Basic System Connections
VDD
VSS (x2)
XTAL
EXTAL
BKGD/MS
RESET
OPTIONAL
MANUAL
RESET
PORT
A
VDD
1
BACKGROUND HEADER
C2
C1
X1
RF
RS
CBY
0.1
μF
CBLK
10
μF
+
5 V
+
SYSTEM
POWER
I/O AND
PERIPHERAL
INTERFACE TO
SYSTEM
APPLICATION
PTA0
PTA1
PTA2
PTA3
PTA4
PTA5
PTA6
PTA7
VDD
PORT
B
PTB0/AD1P0
PTB1/AD1P1
PTB2/AD1P2
PTB3/AD1P3
PTB4/AD1P4
PTB5/AD1P5
PTB6/AD1P6
PTB7/AD1P7
PORT
C
PTC0/SCL1
PTC1/SDA1
PTC2/MCLK
PTC3/TxD2
PTC4
PTC5/RxD2
PTC6
PORT
D
PTD0/AD1P8
PTD1/AD1P9
PTD2/AD1P10/KBI1P5
PTD3/AD1P11/KBI1P6
PTD4/AD1P12/TPM2CLK
PTD5/AD1P13
PTD6/AD1P14/TPM1CLK
PTD7/AD1P15/KBI1P7
PORT
E
PTE0/TxD1
PTE1/RxD1
PTE2/TPM1CH0
PTE3/TPM1CH1
PTE4/SS1
PTE5/MISO1
PTE6/MOSI1
PTE7/SPSCK1
PORT
G
PTG0/KBI1P0
PTG1/KBI1P1
PTG2/KBI1P2
PTG3/KBI1P3
PTG4/KBI1P4
PORT
F
PTF0/TPM1CH2
PTF1/TPM1CH3
PTF2/TPM1CH4
PTF3/TPM1CH5
PTF4/TPM2CH0
PTF5/TPM2CH1
PTF6
PTF7
IRQ
ASYNCHRONOUS
INTERRUPT
INPUT
NOTES:
1. Not required if
using the internal
clock option.
2. These are the
same pins as
PTG5 and PTG6
3. RC filters on
RESET and IRQ
are recommended
for EMC-sensitive
applications.
NOTE 1
MC9S08AW60
VDDAD
VSSAD
CBYAD
0.1
μF
VREFL
VREFH
PTG5/XTAL
PTG6/EXTAL
NOTE 2
NOTE 2
VDD
4.7 k
Ω–
0.1
μF
VDD
4.7 k
Ω–10 kΩ
0.1
μF
10 k
Ω
NOTE 3
NOTE 3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
Z86E72OTP IR MICROCONTROLLERS 1 2 3 4 5 MoreZilog, Inc.
AT91SC512384RCT32-bit Secure Microcontrollers 1 2 3 4 5 ATMEL Corporation
AT91SAM7X256AT91 ARM Thumb-based Microcontrollers 1 2 3 4 5 MoreATMEL Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn