Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC9S08AW60 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

No. de Pieza. MC9S08AW60
Descripción  Microcontrollers
Descarga  324 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC9S08AW60 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

 
Zoom Inzoom in Zoom Outzoom out
 3 / 324 page
background image
MC9S08AW60 Features
8-Bit HCS08 Central Processor Unit (CPU)
40-MHz HCS08 CPU (central processor unit)
20-MHz internal bus frequency
HC08 instruction set with added BGND
instruction
Single-wire background debug mode interface
Breakpoint capability to allow single breakpoint
setting during in-circuit debugging (plus two
more breakpoints in on-chip debug module)
On-chip real-time in-circuit emulation (ICE) with
two comparators (plus one in BDM), nine
trigger modes, and on-chip bus capture buffer.
Typically shows approximately 50 instructions
before or after the trigger point.
Support for up to 32 interrupt/reset sources
Memory Options
Up to 60 KB of on-chip in-circuit programmable
FLASH memory with block protection and
security options
Up to 2 KB of on-chip RAM
Clock Source Options
Clock source options include crystal, resonator,
external clock, or internally generated clock
with precision NVM trimming
System Protection
Optional computer operating properly (COP)
reset
Low-voltage detection with reset or interrupt
Illegal opcode detection with reset
Illegal address detection with reset (some
devices don’t have illegal addresses)
Power-Saving Modes
Wait plus two stops
Peripherals
ADC — Up to 16-channel, 10-bit
analog-to-digital converter with automatic
compare function
SCI — Two serial communications interface
modules with optional 13-bit break
SPI — Serial peripheral interface module
IIC — Inter-integrated circuit bus module to
operate at up to 100 kbps with maximum bus
loading; capable of higher baud rates with
reduced loading
Timers — One 2-channel and one 6-channel
16-bit timer/pulse-width modulator (TPM)
module: Selectable input capture, output
compare, and edge-aligned PWM capability on
each channel. Each timer module may be
configured for buffered, centered PWM
(CPWM) on all channels
KBI — Up to 8-pin keyboard interrupt module
Input/Output
Up to 54 general-purpose input/output (I/O)
pins
Software-selectable pullups on ports when
used as inputs
Software-selectable slew rate control on ports
when used as outputs
Software-selectable drive strength on ports
when used as outputs
Master reset pin and power-on reset (POR)
Internal pullup on RESET, IRQ, and BKGD/MS
pins to reduce customer system cost
Package Options
MC9S08AW60/48/32
64-pin quad flat package (QFP)
64-pin low-profile quad flat package (LQFP)
48-pin low-profile quad flat package (QFN)
44-pin low-profile quad flat package (LQFP)
MC9S08AW16
48-pin low-profile quad flat package (QFN)
44-pin low-profile quad flat package (LQFP)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
Z86E72OTP IR MICROCONTROLLERS 1 2 3 4 5 MoreZilog, Inc.
AT91SC512384RCT32-bit Secure Microcontrollers 1 2 3 4 5 ATMEL Corporation
AT91SAM7X256AT91 ARM Thumb-based Microcontrollers 1 2 3 4 5 MoreATMEL Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn