Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC9S08AW60 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

No. de Pieza. MC9S08AW60
Descripción  Microcontrollers
Descarga  324 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC9S08AW60 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 35 / 324 page
background image
Chapter 3 Modes of Operation
MC9S08AW60 Data Sheet, Rev 2
Freescale Semiconductor
35
the CPU executes a STOP instruction, the MCU will not enter either of the stop modes and an illegal
opcode reset is forced. The stop modes are selected by setting the appropriate bits in SPMSC2.
HCS08 devices that are designed for low voltage operation (1.8V to 3.6V) also include stop1 mode. The
MC9S08AW60 Series family of devices does not include stop1 mode.
Table 3-1 summarizes the behavior of the MCU in each of the stop modes.
3.6.1
Stop2 Mode
The stop2 mode provides very low standby power consumption and maintains the contents of RAM and
the current state of all of the I/O pins. To enter stop2, the user must execute a STOP instruction with stop2
selected (PPDC = 1) and stop mode enabled (STOPE = 1). In addition, the LVD must not be enabled to
operate in stop (LVDSE = 0 or LVDE = 0). If the LVD is enabled in stop, then the MCU enters stop3 upon
the execution of the STOP instruction regardless of the state of PPDC.
Before entering stop2 mode, the user must save the contents of the I/O port registers, as well as any other
memory-mapped registers which they want to restore after exit of stop2, to locations in RAM. Upon exit
of stop2, these values can be restored by user software before pin latches are opened.
When the MCU is in stop2 mode, all internal circuits that are powered from the voltage regulator are turned
off, except for the RAM. The voltage regulator is in a low-power standby state, as is the ADC. Upon entry
into stop2, the states of the I/O pins are latched. The states are held while in stop2 mode and after exiting
stop2 mode until a logic 1 is written to PPDACK in SPMSC2.
Exit from stop2 is done by asserting either of the wake-up pins: RESET or IRQ, or by an RTI interrupt.
IRQ is always an active low input when the MCU is in stop2, regardless of how it was configured before
entering stop2.
NOTE
Although this IRQ pin is automatically configured as active low input, the
pullup associated with the IRQ pin is not automatically enabled. Therefore,
if an external pullup is not used, the internal pullup must be enabled by
setting IRQPE in IRQSC.
Upon wake-up from stop2 mode, the MCU will start up as from a power-on reset (POR) except pin states
remain latched. The CPU will take the reset vector. The system and all peripherals will be in their default
reset states and must be initialized.
Table 3-1. Stop Mode Behavior
Mode
PPDC
CPU, Digital
Peripherals,
FLASH
RAM
ICG
ADC1
Regulator
I/O Pins
RTI
Stop2
1
Off
Standby
Off
Disabled
Standby
States
held
Optionally on
Stop3
0
Standby
Standby
Off1
1 Crystal oscillator can be configured to run in stop3. Please see the ICG registers.
Optionally on
Standby
States
held
Optionally on


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
Z86E72OTP IR MICROCONTROLLERS 1 2 3 4 5 MoreZilog, Inc.
AT91SC512384RCT32-bit Secure Microcontrollers 1 2 3 4 5 ATMEL Corporation
AT91SAM7X256AT91 ARM Thumb-based Microcontrollers 1 2 3 4 5 MoreATMEL Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn