Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC9S08AW60 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

No. de Pieza. MC9S08AW60
Descripción  Microcontrollers
Descarga  324 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC9S08AW60 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 37 / 324 page
background image
Chapter 3 Modes of Operation
MC9S08AW60 Data Sheet, Rev 2
Freescale Semiconductor
37
3.6.4
LVD Enabled in Stop Mode
The LVD system is capable of generating either an interrupt or a reset when the supply voltage drops below
the LVD voltage. If the LVD is enabled in stop by setting the LVDE and the LVDSE bits, then the voltage
regulator remains active during stop mode. If the user attempts to enter stop2 with the LVD enabled for
stop, the MCU will instead enter stop3. Table 3-3 summarizes the behavior of the MCU in stop when the
LVD is enabled.
3.6.5
On-Chip Peripheral Modules in Stop Modes
When the MCU enters any stop mode, system clocks to the internal peripheral modules are stopped. Even
in the exception case (ENBDM = 1), where clocks to the background debug logic continue to operate,
clocks to the peripheral systems are halted to reduce power consumption. Refer to Section 3.6.1, “Stop2
Mode,” and Section 3.6.2, “Stop3 Mode,” for specific information on system behavior in stop modes.
Table 3-2. BDM Enabled Stop Mode Behavior
Mode
PPDC
CPU, Digital
Peripherals,
FLASH
RAM
ICG
ADC1
Regulator
I/O Pins
RTI
Stop3
0
Standby
Standby
Active
Optionally on
Active
States
held
Optionally on
Table 3-3. LVD Enabled Stop Mode Behavior
Mode
PPDC
CPU, Digital
Peripherals,
FLASH
RAM
ICG
ADC1
Regulator
I/O Pins
RTI
Stop3
0
Standby
Standby
Off1
1 Crystal oscillator can be configured to run in stop3. Please see the ICG registers.
Optionally on
Active
States
held
Optionally on
Table 3-4. Stop Mode Behavior
Peripheral
Mode
Stop2
Stop3
CPU
Off
Standby
RAM
Standby
Standby
FLASH
Off
Standby
Parallel Port Registers
Off
Standby
ADC1
Off
Optionally On1
ICG
Off
Optionally On2
IIC
Off
Standby


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
Z86E72OTP IR MICROCONTROLLERS 1 2 3 4 5 MoreZilog, Inc.
AT91SC512384RCT32-bit Secure Microcontrollers 1 2 3 4 5 ATMEL Corporation
AT91SAM7X256AT91 ARM Thumb-based Microcontrollers 1 2 3 4 5 MoreATMEL Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn