Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC9S08AW60 Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

No. de Pieza. MC9S08AW60
Descripción  Microcontrollers
Descarga  324 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC9S08AW60 Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 61 / 324 page
background image
Chapter 4 Memory
MC9S08AW60 Data Sheet, Rev 2
Freescale Semiconductor
61
4.6.4
FLASH Protection Register (FPROT and NVPROT)
During reset, the contents of the nonvolatile location NVPROT are copied from FLASH into FPROT. This
register may be read at any time.
If FPDIS = 0, then protection can be increased (in other words, a smaller value of FPS can be
written).
If FPDIS = 1, then writes do not change protection.
Figure 4-9. FLASH Protection Register (FPROT)
4.6.5
FLASH Status Register (FSTAT)
Bits 3, 1, and 0 always read 0 and writes have no meaning or effect. The remaining five bits are status bits
that can be read at any time. Writes to these bits have special meanings that are discussed in the bit
descriptions.
76543210
R
FPS7
FPS6
FPS5
FPS4
FPS3
FPS2
FPS1
FPDIS
W
(1)
1 Background commands can be used to change the contents of these bits in FPROT.
(1)
(1)
(1)
(1)
(1)
(1)
(1)
Reset
This register is loaded from nonvolatile location NVPROT during reset.
Table 4-11. FPROT Register Field Descriptions
Field
Description
7:1
FPS[7:1]
FLASH Protect Select Bits — When FPDIS = 0, this 7-bit field determines the ending address of unprotected
FLASH locations at the high address end of the FLASH. Protected FLASH locations cannot be erased or
programmed.
0
FPDIS
FLASH Protection Disable
0 FLASH block specified by FPS[7:1] is block protected (program and erase not allowed).
1 No FLASH block is protected.
76543210
R
FCBEF
FCCF
FPVIOL
FACCERR
0
FBLANK
0
0
W
Reset
11000000
= Unimplemented or Reserved
Figure 4-10. FLASH Status Register (FSTAT)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
Z86E72OTP IR MICROCONTROLLERS 1 2 3 4 5 MoreZilog, Inc.
AT91SC512384RCT32-bit Secure Microcontrollers 1 2 3 4 5 ATMEL Corporation
AT91SAM7X256AT91 ARM Thumb-based Microcontrollers 1 2 3 4 5 MoreATMEL Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn