Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC9S08AW60 Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

No. de Pieza. MC9S08AW60
Descripción  Microcontrollers
Descarga  324 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC9S08AW60 Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 72 / 324 page
background image
Chapter 5 Resets, Interrupts, and System Configuration
MC9S08AW60 Data Sheet, Rev 2
72
Freescale Semiconductor
Either RTI clock source can be used when the MCU is in run, wait or stop3 mode. When using the external
oscillator in stop3, it must be enabled in stop (OSCSTEN = 1) and configured for low bandwidth operation
(RANGE = 0). Only the internal 1-kHz clock source can be selected to wake the MCU from stop2 mode.
The SRTISC register includes a read-only status flag, a write-only acknowledge bit, and a 3-bit control
value (RTIS2:RTIS1:RTIS0) used to disable the clock source to the real-time interrupt or select one of
seven wakeup periods. The RTI has a local interrupt enable, RTIE, to allow masking of the real-time
interrupt. The RTI can be disabled by writing each bit of RTIS to zeroes, and no interrupts will be
generated. See Section 5.9.7, “System Real-Time Interrupt Status and Control Register (SRTISC),” for
detailed information about this register.
5.8
MCLK Output
The PTC2 pin is shared with the MCLK clock output. Setting the pin enable bit, MPE, causes the PTC2
pin to output a divided version of the internal MCU bus clock. The divide ratio is determined by the
MCSEL bits. When MPE is set, the PTC2 pin is forced to operate as an output pin regardless of the state
of the port data direction control bit for the pin. If the MCSEL bits are all 0s, the pin is driven low. The
slew rate and drive strength for the pin are controlled by PTCSE2 and PTCDS2, respectively. The
maximum clock output frequency is limited if slew rate control is enabled, see Appendix A, “Electrical
Characteristics and Timing Specifications,” for pin rise and fall times with slew rate enabled.
5.9
Reset, Interrupt, and System Control Registers and Control Bits
One 8-bit register in the direct page register space and eight 8-bit registers in the high-page register space
are related to reset and interrupt systems.
Refer to the direct-page register summary in Chapter 4, “Memory,” of this data sheet for the absolute
address assignments for all registers. This section refers to registers and control bits only by their names.
A Freescale-provided equate or header file is used to translate these names into the appropriate absolute
addresses.
Some control bits in the SOPT and SPMSC2 registers are related to modes of operation. Although brief
descriptions of these bits are provided here, the related functions are discussed in greater detail in
Chapter 3, “Modes of Operation.”


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
Z86E72OTP IR MICROCONTROLLERS 1 2 3 4 5 MoreZilog, Inc.
AT91SC512384RCT32-bit Secure Microcontrollers 1 2 3 4 5 ATMEL Corporation
AT91SAM7X256AT91 ARM Thumb-based Microcontrollers 1 2 3 4 5 MoreATMEL Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn