Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC9S08AW60 Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

No. de pieza MC9S08AW60
Descripción Electrónicos  Microcontrollers
Download  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08AW60 Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MC9S08AW60 Datasheet HTML 74Page - Freescale Semiconductor, Inc MC9S08AW60 Datasheet HTML 75Page - Freescale Semiconductor, Inc MC9S08AW60 Datasheet HTML 76Page - Freescale Semiconductor, Inc MC9S08AW60 Datasheet HTML 77Page - Freescale Semiconductor, Inc MC9S08AW60 Datasheet HTML 78Page - Freescale Semiconductor, Inc MC9S08AW60 Datasheet HTML 79Page - Freescale Semiconductor, Inc MC9S08AW60 Datasheet HTML 80Page - Freescale Semiconductor, Inc MC9S08AW60 Datasheet HTML 81Page - Freescale Semiconductor, Inc MC9S08AW60 Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 324 page
background image
Chapter 5 Resets, Interrupts, and System Configuration
MC9S08AW60 Data Sheet, Rev 2
78
Freescale Semiconductor
5.9.7
System Real-Time Interrupt Status and Control Register (SRTISC)
This register contains one read-only status flag, one write-only acknowledge bit, three read/write delay
selects, and three unimplemented bits, which always read 0.
76543210
R
RTIF
0
RTICLKS
RTIE
0
RTIS2
RTIS1
RTIS0
W
RTIACK
Reset
00000000
= Unimplemented or Reserved
Figure 5-9. System RTI Status and Control Register (SRTISC)
Table 5-9. SRTISC Register Field Descriptions
Field
Description
7
RTIF
Real-Time Interrupt Flag — This read-only status bit indicates the periodic wakeup timer has timed out.
0 Periodic wakeup timer not timed out.
1 Periodic wakeup timer timed out.
6
RTIACK
Real-Time Interrupt Acknowledge — This write-only bit is used to acknowledge real-time interrupt request
(write 1 to clear RTIF). Writing 0 has no meaning or effect. Reads always return logic 0.
5
RTICLKS
Real-Time Interrupt Clock Select — This read/write bit selects the clock source for the real-time interrupt.
0 Real-time interrupt request clock source is internal 1-kHz oscillator.
1 Real-time interrupt request clock source is external clock.
4
RTIE
Real-Time Interrupt Enable — This read-write bit enables real-time interrupts.
0 Real-time interrupts disabled.
1 Real-time interrupts enabled.
2:0
RTIS[2:0]
Real-Time Interrupt Delay Selects — These read/write bits select the wakeup delay for the RTI. The clock
source for the real-time interrupt is a self-clocked source which oscillates at about 1 kHz, is independent of other
MCU clock sources. Using external clock source the delays will be crystal frequency divided by value in
RTIS2:RTIS1:RTIS0. See Table 5-10.
Table 5-10. Real-Time Interrupt Frequency
RTIS2:RTIS1:RTIS0
1-kHz Clock Source Delay1
1 Normal values are shown in this column based on f
RTI = 1 kHz. See Appendix A, “Electrical Characteristics and Timing
Specifications,” fRTI for the tolerance on these values.
Using External Clock Source Delay
(Crystal Frequency)
0:0:0
Disable periodic wakeup timer
Disable periodic wakeup timer
0:0:1
8 ms
divide by 256
0:1:0
32 ms
divide by 1024
0:1:1
64 ms
divide by 2048
1:0:0
128 ms
divide by 4096
1:0:1
256 ms
divide by 8192
1:1:0
512 ms
divide by 16384
1:1:1
1.024 s
divide by 32768


Número de pieza similar - MC9S08AW60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC9S08AW60 FREESCALE-MC9S08AW60 Datasheet
1Mb / 324P
   Microcontrollers
MC9S08AW60 FREESCALE-MC9S08AW60 Datasheet
1Mb / 324P
   Microcontrollers
MC9S08AW60 FREESCALE-MC9S08AW60 Datasheet
1Mb / 324P
   Microcontrollers
MC9S08AW60 FREESCALE-MC9S08AW60 Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60 FREESCALE-MC9S08AW60 Datasheet
1Mb / 324P
   MC9S08AW60 Features
More results

Descripción similar - MC9S08AW60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com