Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC9S08AW60 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

No. de Pieza. MC9S08AW60
Descripción  Microcontrollers
Descarga  324 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC9S08AW60 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 80 / 324 page
background image
Chapter 5 Resets, Interrupts, and System Configuration
MC9S08AW60 Data Sheet, Rev 2
80
Freescale Semiconductor
5.9.9
System Power Management Status and Control 2 Register (SPMSC2)
This register is used to report the status of the low voltage warning function, and to configure the stop mode
behavior of the MCU.
Figure 5-11. System Power Management Status and Control 2 Register (SPMSC2)
76543210
R
LVWF
0
LVDV
LVWV
PPDF
0
PPDC1
1
This bit can be written only one time after reset. Additional writes are ignored.
W
LVWACK
PPDACK
Power-on
reset:
0(2)
2
LVWF will be set in the case when VSupply transitions below the trip point or after reset and VSupply is already below VLVW.
0000000
LVD
reset:
0(2)
0
U
U
0000
Any other
reset:
0(2)
0
U
U
0000
= Unimplemented or Reserved
U = Unaffected by reset
Table 5-12. SPMSC2 Register Field Descriptions
Field
Description
7
LVWF
Low-Voltage Warning Flag — The LVWF bit indicates the low voltage warning status.
0 Low voltage warning not present.
1 Low voltage warning is present or was present.
6
LVWACK
Low-Voltage Warning Acknowledge — The LVWACK bit is the low-voltage warning acknowledge.
Writing a 1 to LVWACK clears LVWF to a 0 if a low voltage warning is not present.
5
LVDV
Low-Voltage Detect Voltage Select — The LVDV bit selects the LVD trip point voltage (VLVD).
0 Low trip point selected (VLVD = VLVDL).
1 High trip point selected (VLVD = VLVDH).
4
LVWV
Low-Voltage Warning Voltage Select — The LVWV bit selects the LVW trip point voltage (VLVW).
0 Low trip point selected (VLVW = VLVWL).
1 High trip point selected (VLVW = VLVWH).
3
PPDF
Partial Power Down Flag — The PPDF bit indicates that the MCU has exited the stop2 mode.
0 Not stop2 mode recovery.
1 Stop2 mode recovery.
2
PPDACK
Partial Power Down Acknowledge — Writing a 1 to PPDACK clears the PPDF bit.
0
PPDC
Partial Power Down Control — The write-once PPDC bit controls whether stop2 or stop3 mode is selected.
0 Stop3 mode enabled.
1 Stop2, partial power down, mode enabled.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
Z86E72OTP IR MICROCONTROLLERS 1 2 3 4 5 MoreZilog, Inc.
AT91SC512384RCT32-bit Secure Microcontrollers 1 2 3 4 5 ATMEL Corporation
AT91SAM7X256AT91 ARM Thumb-based Microcontrollers 1 2 3 4 5 MoreATMEL Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn