Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC9S08AW60 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

No. de Pieza. MC9S08AW60
Descripción  Microcontrollers
Descarga  324 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC9S08AW60 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 98 / 324 page
background image
Chapter 6 Parallel Input/Output
MC9S08AW60 Data Sheet, Rev 2
98
Freescale Semiconductor
6.7.8
Port D Pin Control Registers (PTDPE, PTDSE, PTDDS)
In addition to the I/O control, port D pins are controlled by the registers listed below.
76543210
R
PTDPE7
PTDPE6
PTDPE5
PTDPE4
PTDPE3
PTDPE2
PTDPE1
PTDPE0
W
Reset
00000000
Figure 6-26. Internal Pullup Enable for Port D (PTDPE)
Table 6-19. PTDPE Register Field Descriptions
Field
Description
7:0
PTDPE[7:0]
Internal Pullup Enable for Port D Bits — Each of these control bits determines if the internal pullup device is
enabled for the associated PTD pin. For port D pins that are configured as outputs, these bits have no effect and
the internal pullup devices are disabled.
0 Internal pullup device disabled for port D bit n.
1 Internal pullup device enabled for port D bit n.
76543210
R
PTDSE7
PTDSE6
PTDSE5
PTDSE4
PTDSE3
PTDSE2
PTDSE1
PTDSE0
W
Reset
00000000
Figure 6-27. Output Slew Rate Control Enable for Port D (PTDSE)
Table 6-20. PTDSE Register Field Descriptions
Field
Description
7:0
PTDSE[7:0]
Output Slew Rate Control Enable for Port D Bits — Each of these control bits determine whether output slew
rate control is enabled for the associated PTD pin. For port D pins that are configured as inputs, these bits have
no effect.
0 Output slew rate control disabled for port D bit n.
1 Output slew rate control enabled for port D bit n.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
Z86E72OTP IR MICROCONTROLLERS 1 2 3 4 5 MoreZilog, Inc.
AT91SC512384RCT32-bit Secure Microcontrollers 1 2 3 4 5 ATMEL Corporation
AT91SAM7X256AT91 ARM Thumb-based Microcontrollers 1 2 3 4 5 MoreATMEL Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn