Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC9S08AW60 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

No. de Pieza. MC9S08AW60
Descripción  Microcontrollers
Descarga  324 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC9S08AW60 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 13 / 324 page
background image
MC9S08AW60 Data Sheet, Rev 2
Freescale Semiconductor
13
Section Number
Title
Page
8.4.4
FLL Engaged Internal Unlocked ..................................................................................143
8.4.5
FLL Engaged Internal Locked ......................................................................................143
8.4.6
FLL Bypassed, External Clock (FBE) Mode ...............................................................143
8.4.7
FLL Engaged, External Clock (FEE) Mode .................................................................143
8.4.8
FLL Lock and Loss-of-Lock Detection ........................................................................144
8.4.9
FLL Loss-of-Clock Detection ......................................................................................145
8.4.10
Clock Mode Requirements ...........................................................................................146
8.4.11
Fixed Frequency Clock .................................................................................................147
8.4.12
High Gain Oscillator .....................................................................................................147
8.5
Initialization/Application Information ..........................................................................................147
8.5.1
Introduction ..................................................................................................................147
8.5.2
Example #1: External Crystal = 32 kHz, Bus Frequency = 4.19 MHz ........................149
8.5.3
Example #2: External Crystal = 4 MHz, Bus Frequency = 20 MHz ............................151
8.5.4
Example #3: No External Crystal Connection, 5.4 MHz Bus Frequency ....................153
8.5.5
Example #4: Internal Clock Generator Trim ................................................................155
Chapter 9
Keyboard Interrupt (S08KBIV1)
9.1
Introduction ...................................................................................................................................157
9.2
Keyboard Pin Sharing ....................................................................................................................157
9.3
Features .........................................................................................................................................158
9.3.1
KBI Block Diagram ......................................................................................................160
9.4
Register Definition ........................................................................................................................160
9.4.1
KBI Status and Control Register (KBI1SC) .................................................................161
9.4.2
KBI Pin Enable Register (KBI1PE) .............................................................................162
9.5
Functional Description ..................................................................................................................162
9.5.1
Pin Enables ...................................................................................................................162
9.5.2
Edge and Level Sensitivity ...........................................................................................162
9.5.3
KBI Interrupt Controls .................................................................................................163
Chapter 10
Timer/PWM (S08TPMV2)
10.1 Introduction ...................................................................................................................................165
10.2 Features .........................................................................................................................................165
10.2.1
Features .........................................................................................................................167
10.2.2
Block Diagram ..............................................................................................................167
10.3 External Signal Description ..........................................................................................................169
10.3.1
External TPM Clock Sources .......................................................................................169
10.3.2
TPMxCHn — TPMx Channel n I/O Pins .....................................................................169
10.4 Register Definition ........................................................................................................................169
10.4.1
Timer x Status and Control Register (TPMxSC) ..........................................................170
10.4.2
Timer x Counter Registers (TPMxCNTH:TPMxCNTL) .............................................171


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
Z86E72OTP IR MICROCONTROLLERS 1 2 3 4 5 MoreZilog, Inc.
AT91SC512384RCT32-bit Secure Microcontrollers 1 2 3 4 5 ATMEL Corporation
AT91SAM7X256AT91 ARM Thumb-based Microcontrollers 1 2 3 4 5 MoreATMEL Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn