Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC9S08AW60 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

No. de Pieza. MC9S08AW60
Descripción  Microcontrollers
Descarga  324 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC9S08AW60 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 19 / 324 page
background image
MC9S08AW60 Data Sheet, Rev 2
Freescale Semiconductor
19
Chapter 1
Introduction
1.1
Overview
The MC9S08AW60, MC9S08AW48, MC9S08AW32, and MC9S08AW16 are members of the low-cost,
high-performance HCS08 family of 8-bit microcontroller units (MCUs). All MCUs in the family use the
enhanced HCS08 core and are available with a variety of modules, memory sizes, memory types, and
package types. Refer to Table 1-1 for memory sizes and package types.
Table 1-2 summarizes the peripheral availability per package type for the devices available in the
MC9S08AW60 Series.
1.2
MCU Block Diagrams
The block diagram shows the structure of the MC9S08AW60 Series.
Table 1-1. Devices in the MC9S08AW60 Series
Device
FLASH
RAM
Package
MC9S08AW60
63,280
2048
64 QFP
64 LQFP
48 QFN
44 LQFP
MC9S08AW48
49,152
MC9S08AW32
32,768
MC9S08AW16
16,384
1024
48 QFN
44 LQFP
Table 1-2. Peripherals Available per Package Type
Package Options
Feature
64-pin
48-pin
44-pin
ADC
16-channel
8-channel
8-channel
IIC
yes
yes
yes
IRQ
yes
yes
yes
KBI1
8
7
6
SCI1
yes
yes
yes
SCI2
yes
yes
yes
SPI1
yes
yes
yes
TPM1
6-channel
4-channel
4-channel
TPM1CLK
yes
no
no
TPM2
2-channel
2-channel
2-channel
TPM2CLK
yes
no
no
I/O pins
54
38
34


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
Z86E72OTP IR MICROCONTROLLERS 1 2 3 4 5 MoreZilog, Inc.
AT91SC512384RCT32-bit Secure Microcontrollers 1 2 3 4 5 ATMEL Corporation
AT91SAM7X256AT91 ARM Thumb-based Microcontrollers 1 2 3 4 5 MoreATMEL Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn