Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC9S08AW60 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

No. de Pieza. MC9S08AW60
Descripción  Microcontrollers
Descarga  324 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC9S08AW60 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 20 / 324 page
background image
Chapter 1 Introduction
MC9S08AW60 Data Sheet, Rev 2
20
Freescale Semiconductor
Figure 1-1. MC9S08AW60 Series Block Diagram
PTD3/AD1P11/KBI1P6
PTD4/AD1P12/TPM2CLK
PTD5/AD1P13
PTD6/AD1P14/TPM1CLK
PTC1/SDA1
PTC0/SCL1
VSS
VDD
PTE3/TPM1CH1
PTE2/TPM1CH0
PTA7– PTA0
PTE0/TxD1
PTE1/RxD1
PTD2/AD1P10/KBI1P5
PTD1/AD1P9
PTD0/AD1P8
PTC6
PTC5/RxD2
PTC4
PTC3/TxD2
PTC2/MCLK
8-BIT KEYBOARD
INTERRUPT MODULE (KBI1)
IIC MODULE (IIC1)
SERIAL PERIPHERAL
INTERFACE MODULE (SPI1)
USER FLASH
USER RAM
DEBUG
MODULE (DBG)
(AW60 = 63,280 BYTES)
HCS08 CORE
CPU
BDC
NOTES:
1. Port pins are software configurable with pullup device if input port.
2. Pin contains software-configurable pullup/pulldown device if IRQ is enabled
(IRQPE = 1). Pulldown is enabled if rising edge detect is selected (IRQEDG = 1)
3. IRQ does not have a clamp diode to VDD. IRQ should not be driven above VDD.
4. Pin contains integrated pullup device.
5. Pins PTD7, PTD3, PTD2, and PTG4 contain both pullup and pulldown devices.
Pulldown enabled when KBI is enabled (KBIPEn = 1) and rising edge is selected
(KBEDGn = 1).
2-CHANNEL TIMER/PWM
MODULE (TPM2)
PTB7/AD1P7–
PTE5/MISO1
PTE4/SS1
PTE6/MOSI1
PTE7/SPSCK1
HCS08 SYSTEM CONTROL
RESETS AND INTERRUPTS
MODES OF OPERATION
POWER MANAGEMENT
VOLTAGE
REGULATOR
RTI
COP
IRQ
LVD
LOW-POWER OSCILLATOR
INTERNAL CLOCK
GENERATOR (ICG)
RESET
VSSAD
VDDAD
VREFH
ANALOG-TO-DIGITAL
CONVERTER (ADC1)
6-CHANNEL TIMER/PWM
MODULE (TPM1)
PTD7/AD1P15/KBI1P7
8
PTB0/AD1P0
PTG4/KBI1P4
PTG2/KBI1P2
PTG3/KBI1P3
AW60/48/32 = 2048 BYTES
10-BIT
BKGD/MS
PTF3/TPM1CH5
PTF2/TPM1CH4
PTF0/TPM1CH2
PTF1/TPM1CH3
PTF5/TPM2CH1
PTF4/TPM2CH0
PTF6
PTF7
INTERFACE MODULE (SCI1)
SERIAL COMMUNICATIONS
INTERFACE MODULE (SCI2)
SERIAL COMMUNICATIONS
PTG0/KBI1P0
PTG1/KBI1P1
(AW48 = 49,152 BYTES)
(AW32 = 32,768 BYTES)
VREFL
PTG5/XTAL
PTG6/EXTAL
IRQ
RxD2
TxD2
SDA1
SCL1
AD1P15–AD1P8
AD1P7–AD1P0
KBI1P4–KBI1P0
KBI1P7–KBI1P5
TPM2CH1–TPM2CH0
TPM2CLK
SPSCK1
SS1
MISO1
MOSI1
TPM1CLK
TPM1CH5–
RxD1
TxD1
EXTAL
XTAL
8
8
5
3
2
(AW16 = 16,384 BYTES)
AW16 = 1024 BYTES
8
TPM1CH0
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
Z86E72OTP IR MICROCONTROLLERS 1 2 3 4 5 MoreZilog, Inc.
AT91SC512384RCT32-bit Secure Microcontrollers 1 2 3 4 5 ATMEL Corporation
AT91SAM7X256AT91 ARM Thumb-based Microcontrollers 1 2 3 4 5 MoreATMEL Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn