Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33976 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

No. de pieza MC33976
Descripción Electrónicos  Dual Gauge Driver with Configurable Response Time
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33976 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC33976 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33976 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33976 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33976 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33976 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33976 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33976 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33976 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33976 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33976
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
SPI INTERFACE TIMING (15)
Recommended Frequency of SPI Operation
fSPI
1.0
2.0
MHz
Falling Edge of CS to Rising Edge of SCLK (Required Setup Time) (16)
tLEAD
50
167
ns
Falling Edge of SCLK to Rising Edge of CS (Required Setup Time) (16)
tLAG
50
167
ns
SI to Falling Edge of SCLK (Required Setup Time) (16)
tSISU
25
83
ns
Required High State Duration of SCLK (Required Setup Time (16)
tWSCLKh
167
ns
Required Low State Duration of SCLK (Required Setup Time (16)
tWSCLKl
167
ns
Falling Edge of SCLK to SI (Required Hold Time) (16)
tSI(HOLD)
25
83
ns
SO Rise Time
CL = 200 pF
tRSO
25
50
ns
SO Fall Time
CL = 200 pF
tFSO
25
50
ns
SI, CS, SCLK, Incoming Signal Rise Time (17)
tRSI
50
ns
SI, CS, SCLK, Incoming Signal Fall Time (17)
tFSI
50
ns
Falling Edge of RST to Rising Edge of RST (Required Setup Time) (16)
tWRST
3.0
µs
Rising Edge of CS to Falling Edge of CS (Required Setup Time) (16), (18)
tCS
5.0
µs
Rising Edge of RST to Falling Edge of CS (Required Setup Time) (16)
tEN
5.0
µs
Time from Falling Edge of CS to SO Low Impedance (19)
tSO(EN)
145
ns
Time from Rising Edge of CS to SO High Impedance (20)
tSO(DIS)
1.3
4.0
µs
Time from Rising Edge of SCLK to SO Data Valid (21)
0.2 VDD ≤ SO ≥ 0.8 VDD, CL = 200 pF
tVALID
90
150
ns
Notes
15.
The 33976 shall meet all SPI interface timing requirements specified in the SPI Interface Timing section of this table, over the specified
temperature range. Digital interface timing is based on a symmetrical 50 percent duty cycle SCLK Clock Period of 333 ns. The device
shall be fully functional for slower clock speeds.
16.
The maximum setup time specified for the 33976 is the minimum time needed from the microcontroller to guarantee correct operation.
17.
Rise and Fall time of incoming SI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
18.
The value is for a 1.0 MHz calibrated internal clock. The value will change proportionally as the internal clock frequency changes.
19.
Time required for output status data to be terminated at SO. 1.0 k
Ω load on SO
20.
Time required for output status data to be available for use at SO. 1.0 k
Ω load on SO.
21.
Time required to obtain valid data out from SO following the rise of SCLK.
Table 4. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 4.75 V
≤ VDD ≤ 5.25 V, -40°C ≤ TJ ≤ 150°C, GND = 0 V unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Units


Número de pieza similar - MC33976

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC33976DW FREESCALE-MC33976DW Datasheet
2Mb / 41P
   Dual Gauge Driver with Configurable esponse Time
MC33976DWR2 FREESCALE-MC33976DWR2 Datasheet
2Mb / 41P
   Dual Gauge Driver with Configurable esponse Time
More results

Descripción similar - MC33976

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
33976 FREESCALE-33976_07 Datasheet
2Mb / 41P
   Dual Gauge Driver with Configurable esponse Time
logo
Everlight Electronics C...
EAITRCA8 EVERLIGHT-EAITRCA8 Datasheet
376Kb / 9P
   Fast response time
EAITRCA9 EVERLIGHT-EAITRCA9 Datasheet
377Kb / 9P
   Fast response time
EAITRCA7 EVERLIGHT-EAITRCA7 Datasheet
343Kb / 8P
   Fast response time
EAPDST6048A0 EVERLIGHT-EAPDST6048A0 Datasheet
389Kb / 9P
   Fast response time
EAITRAA0 EVERLIGHT-EAITRAA0 Datasheet
447Kb / 7P
   Fast response time
EAITRCA5 EVERLIGHT-EAITRCA5 Datasheet
305Kb / 7P
   Fast response time
EAITRCA6 EVERLIGHT-EAITRCA6 Datasheet
319Kb / 7P
   Fast response time
logo
Fairchild Semiconductor
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
   Reset Timer with Configurable Delay Time
logo
ON Semiconductor
FT8010 ONSEMI-FT8010 Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com