Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MHP100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de Pieza. MHP100
Descripción  100W TO-247 HIGH POWER RESISTORS
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo 

MHP100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.
Ordering Information
MHP 100
500
F
Model
Resistance Code
Tolerance
0.1
Ω : 0R100
J = 5% Tol
50
Ω : 500 First two digits significant, last digit: number of trailing zeros
F = 1% Tol
MHP 100
100W TO-247 HIGH POWER RESISTORS
2
Derating Curve
Power Rating (W)
100
+25
°C
80
60
40
20
+155
°C
0
-50
0
50
100
150
200
Flange Temperature (
°C)
Temperature Rise
Temperature Rise (
°C)
120
100
.
80
60
40
20
0
0
20
40
60
80
100
Power (Watts)
Pulse Energy Durability
Pulse Peak (Watts)
100K
10K
1K
100
100n
10µ
100µ
1m
10m
Pulse Width (seconds)
Frequency Characteristics
Impedance (ohm)
1K
100
10
1
10K
100K
1M
10M
100M
1G
Frequency(Hz)
Humidity (Typical)
R%
0.2
0.1
0
-0.1
-0.2
0
250
500
750
1000
1250
  
Test Hours
Load Life (Typical)
R%
0.2
0.1
0
-0.1
-0.2
0
250
500
750
1000
1250
Test Hours
MHP100 100 with 0.71
°C/W heat sink
MHP100 100 F
MHP100 101 F
MHP100 1K0 F
MHP100 500 F
MHP100 0R200 J to 201 F
MHP100 100 with 0.71
°C/W heat sink


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn