Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


STSMIA832 Datasheet(Hoja de datos) 1 Page - STMicroelectronics

No. de Pieza. STSMIA832
Descripción  1.8V/2.8V High speed dual differential line receivers, standard mobile imaging architecture (SMIA) decoder deserializer
Descarga  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo 

 
 1 page
background image
May 2006
Rev. 2
1/23
23
STSMIA832
1.8V/2.8V High speed dual differential line receivers,
standard mobile imaging architecture (SMIA) decoder deserializer
Feature summary
s
Sub-low voltage differential signaling inputs:
VID = 100mV MIN. with RT = 100Ω, CL = 10pF
s
High signaling rate:
fIN = 650 Mbps MAX (D+,D-,STRB+,STRB-)
fOUT = 82 MHz MAX (CLK)
fOUT = 82 Mbps MAX (for each data line D1-D8)
s
Very high speed strobe to clock:
tpLH~tpHL=5.2ns (TYP) at VDD=2.8V; VL=1.8V
s
Operating voltage range:
VDD(OPR) = 2.65V to 3.6V
VL(OPR) =1.65V to 1.95V
s
Symmetrical output impedance (D1-D8, H-
SYNC, V-SYNC, CLK):
IIOHI=IOL=4mA (MIN) at VDD=2.65V;VL=1.8V
s
Low power dissipation (DISABLED: EN=Gnd):
ISOFF = IDD + IL = 10 µA (Max)
s
SMIA specification compliant
s
CLASS 0 and CLASS 1,2 supported (config by
CLASS_SEL)
s
CMOS logic input threshold
(EN, SYNC_SEL, CLASS_SEL):
VIL = 0.3xVL; VL = 1.65V to 1.95V
VIH = 0.7xVL; VL = 1.65V to 1.95V
s
3.6V tolerant on inputs
(EN, SYNC_SEL, CLASS_SEL)
s
32 BIT synchronization codes (SOF, EOF,
SOL, EOL)
s
Leadfree µTFBGA package
(RoHS Restriction of hazardous substances)
Description
The STSMIA832 receiver converts the subLVDS
clock/datastream (up to 650 Mbps throughput
bandwidth) back into parallel 8 bits of
CMOS/LVTTL. The device recognizes the SMIA
32 bit start of frame (SOF), end of frame (EOF),
start of line (SOL) and end of line (EOL)
sequences to generate the H-SYNC and V-SYNC
signals. Output LVTTL clock (up to 82 MHz) is
transmitted in parallel with data. Output data are
rising-edge strobes. This chipset is an ideal
means to link mobile camera modules to
Baseband processors. In order to minimize static
current consumption, it is possible to shut down
the device when the interface is not being used by
a power-down (EN) pin that reduces the
Maximum Current Consumption to 10 µA making
this device ideal for portable applications like
Mobile Phone and Portable Battery Equipment. A
configurable input (Class_Sel) is provided to
select different CLASS (0 or 1,2) mode inside the
SMIA STD specifications.
The STSMIA832 is offered in a µTFBGA package
to optimize PCB space. All inputs and outputs are
equipped with protection circuits against static
discharge, giving them ESD immunity from
transient excess voltage. The STSMIA832 is
characterized for operation over the commercial
temperature range -40°C to 85°C.
µTFBGA25
www.st.com
Order codes
Part number
Temperature
Range
Package
Packaging
STSMIA832TBR
-40 to 85 °C
µTFBGA25 3x3mm (TAPE & REEL)
3000 parts per reel




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
DS90LV028AHHigh Temperature 3V LVDS Dual Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV049HHigh Temperature 3V LVDS Dual Line Driver and Receiver Pair 1 2 3 4 5 MoreNational Semiconductor (TI)
AD8143High Speed Triple Differential Receiver with Comparators 1 2 3 4 5 MoreAnalog Devices
AD8145High Speed Triple Differential Receiver with Comparators 1 2 3 4 5 MoreAnalog Devices
HD26LS32Quadruple Differential Line Receivers With 3 State Outputs 1 2 3 4 5 MoreHitachi Semiconductor
ADA4310Low Cost Dual High Current Output Line Driver with Shutdown 1 2 3 4 5 MoreAnalog Devices
PI90LV048A3V LVDS Quad Flow-Through Differential Line Receivers 1 2 3 4 5 MorePericom Semiconductor Corporation
2SJ114HIGH SPEED POWER SWITCHING HIGH FREQUENCY POWER AMPLIFIER 1 2 3 Hitachi Semiconductor
ADM2490EHigh Speed ESD-Protected Full-Duplex iCoupler Isolated RS-485 Transceiver 1 2 3 4 5 MoreAnalog Devices
LMH6321300 mA High Speed Buffer with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl