Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TAS5261 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TAS5261
Descripción Electrónicos  315-W Mono BTL Digital Amplifier Power Stage
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TAS5261 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5261 Datasheet HTML 2Page - Texas Instruments TAS5261 Datasheet HTML 3Page - Texas Instruments TAS5261 Datasheet HTML 4Page - Texas Instruments TAS5261 Datasheet HTML 5Page - Texas Instruments TAS5261 Datasheet HTML 6Page - Texas Instruments TAS5261 Datasheet HTML 7Page - Texas Instruments TAS5261 Datasheet HTML 8Page - Texas Instruments TAS5261 Datasheet HTML 9Page - Texas Instruments TAS5261 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.ti.com
TEMP
SENSE
M1
M2
AGND
OC_ADJ
VREG
VREG
VDD
GVDD _B
M3
POWER-UP
RESET
UVP
GND
PWM_B
OUT_B (x3)
PGND (x3)
PVDD _B (x3)
BST_B
TIMING
CONTROL
GATE-DRIVE
CONTROL
PWM
RECEIVER
OVER-LOAD
PROT .
GVDD_A
PWM
ACTIVITY
DETECTOR
CB3C
GVDD_B
CURRENT
SENSE
GVDD _A
PWM_A
OUT_A (x3)
PGND (x3)
PVDD _A (x3)
BST_A
TIMING
CONTROL
CONTROL
GATE-DRIVE
PWM
RECEIVER
OTW
SD
RESET
TAS5261
SLES188 – AUGUST 2006
Figure 2. Functional Block Diagram
6
Submit Documentation Feedback


Número de pieza similar - TAS5261

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TAS5261 TI-TAS5261_15 Datasheet
848Kb / 26P
[Old version datasheet]   315-W Mono BTL Digital Amplifier Power Stage
More results

Descripción similar - TAS5261

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TAS5261 TI-TAS5261_15 Datasheet
848Kb / 26P
[Old version datasheet]   315-W Mono BTL Digital Amplifier Power Stage
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
Texas Instruments
TAS5601 TI-TAS5601_15 Datasheet
2Mb / 27P
[Old version datasheet]   20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
TAS5601 TI-TAS5601 Datasheet
2Mb / 26P
[Old version datasheet]   20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
   3 W mono BTL audio output amplifier
May 1992
logo
STMicroelectronics
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
   25 W mono BTL class-D audio amplifier
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
   50 W mono BTL class-D audio amplifier
logo
Synaptics Incorporated.
CX20706 CONEXANT-CX20706 Datasheet
645Kb / 2P
   2.5 W BTL mono Class-D speaker amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com