Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TAS5261 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TAS5261
Descripción Electrónicos  315-W Mono BTL Digital Amplifier Power Stage
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TAS5261 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5261 Datasheet HTML 1Page - Texas Instruments TAS5261 Datasheet HTML 2Page - Texas Instruments TAS5261 Datasheet HTML 3Page - Texas Instruments TAS5261 Datasheet HTML 4Page - Texas Instruments TAS5261 Datasheet HTML 5Page - Texas Instruments TAS5261 Datasheet HTML 6Page - Texas Instruments TAS5261 Datasheet HTML 7Page - Texas Instruments TAS5261 Datasheet HTML 8Page - Texas Instruments TAS5261 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TM
www.ti.com
FEATURES
APPLICATIONS
PVDD Supply Voltage − V
0
30
60
90
120
150
180
210
240
270
300
330
0
5
10
15
20
25
30
35
40
45
50
TC = 75°C
THD+N at 10%
G001
8
6
4
DESCRIPTION
TAS5261
SLES188 – AUGUST 2006
315-W Mono BTL Digital Amplifier Power Stage
The TAS5261 has complete protection circuitry
Total Output Power
integrated on chip, safeguarding the device and
– 125 W Into 8
Ω at <0.09% THD+N
speakers against fault conditions that could damage
– 220 W Into 6
Ω at 10% THD+N
the
system.
These
protection
features
are
short-circuit
protection,
overcurrent
protection,
– 315 W Into 4
Ω at 10% THD+N
undervoltage protection, and a loss of pulse-width
110-dB SNR (A-Weighted with TAS5518
modulation
(PWM)
input
signal
(PWM
Activity
modulator)
Detector).
Supports Pulse-Width Modulation (PWM)
A power-on reset (POR) circuit is used to eliminate
Frame Rates of 192 kHz to 384 kHz
power-supply sequencing that is normally required
Resistor-Programmable Current Limit
for most H-bridge designs.
Integrated Self-Protection Circuit Including:
OUTPUT POWER
– Under Voltage Protection
vs
– Over Temperature Warning and Error
PVDD_x SUPPLY VOLTAGE
– Over Load Protection
– Short Circuit (OC) Protection
– PWM Activity Dectector
Power-On Reset (POR) to Eliminate System
Power-Supply Sequencing
Thermally-Enhanced Package DKD (36-pin
PSOP3)
EMI Compliant When Used With
Recommended System Design
Error Reporting 3.3-V and 5-V Compliant
AV Receivers
DVD Receivers
Mini/Micro Component Systems
Home Theater Systems
The TAS5261 is a high-performance, integrated
mono digital amplifier power stage designed to drive
4-
Ω to 8-Ω speakers with low harmonic distortion.
This
system
requires
only
a
simple,
passive
demodulation
filter
to
deliver
high-quality,
high-efficiency audio amplification.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TAS5261

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TAS5261 TI-TAS5261_15 Datasheet
848Kb / 26P
[Old version datasheet]   315-W Mono BTL Digital Amplifier Power Stage
More results

Descripción similar - TAS5261

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TAS5261 TI-TAS5261_15 Datasheet
848Kb / 26P
[Old version datasheet]   315-W Mono BTL Digital Amplifier Power Stage
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
Texas Instruments
TAS5601 TI-TAS5601_15 Datasheet
2Mb / 27P
[Old version datasheet]   20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
TAS5601 TI-TAS5601 Datasheet
2Mb / 26P
[Old version datasheet]   20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
   3 W mono BTL audio output amplifier
May 1992
logo
STMicroelectronics
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
   25 W mono BTL class-D audio amplifier
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
   50 W mono BTL class-D audio amplifier
logo
Synaptics Incorporated.
CX20706 CONEXANT-CX20706 Datasheet
645Kb / 2P
   2.5 W BTL mono Class-D speaker amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com