Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BT139 Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza BT139
Descripción Electrónicos  Triacs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT139 Datasheet(HTML) 5 Page - NXP Semiconductors

  BT139 Datasheet HTML 1Page - NXP Semiconductors BT139 Datasheet HTML 2Page - NXP Semiconductors BT139 Datasheet HTML 3Page - NXP Semiconductors BT139 Datasheet HTML 4Page - NXP Semiconductors BT139 Datasheet HTML 5Page - NXP Semiconductors BT139 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Philips Semiconductors
Product specification
Triacs
BT139 series
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.13. TO220AB; pin 2 connected to mounting base.
Notes
1. Refer to mounting instructions for TO220 envelopes.
2. Epoxy meets UL94 V0 at 1/8".
10,3
max
3,7
2,8
3,0
3,0 max
not tinned
1,3
max
(2x)
12 3
2,4
0,6
4,5
max
5,9
min
15,8
max
1,3
2,54 2,54
0,9 max (3x)
13,5
min
September 1997
5
Rev 1.200


Html Pages

1  2  3  4  5  6 


Datasheet Descarga

Go To PDF Page

Número de Pieza relacionado

No. de piezaDescripción ElectrónicosHtml ViewFabricante Electrónico
MAC9D TRIACS 8.0 AMPERES RMS 400 thru 800 VOLTS 1  2  3  4  Motorola, Inc
BT134W Triacs sensitive gate 1  2  3  4  5  More NXP Semiconductors
BT137B Triacs logic level 1  2  3  4  5  More NXP Semiconductors
BT138X Triacs sensitive gate 1  2  3  4  5  More NXP Semiconductors
BTA208B Three quadrant triacs guaranteed commutation 1  2  3  4  NXP Semiconductors
BTA212 Three quadrant triacs high commutation 1  2  3  4  NXP Semiconductors
BTA216X Three quadrant triacs guaranteed commutation 1  2  3  4  5  NXP Semiconductors
TICP206 SILICON TRIACS 1  2  3  4  5  More Power Innovations Ltd
BTA41A STANDARD TRIACS 1  2  3  4  5  STMicroelectronics
T1235H 12A TRIACS 1  2  3  4  5  More STMicroelectronics

Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn