Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HN29WT800 Datasheet(PDF) 31 Page - Hitachi Semiconductor

No. de pieza HN29WT800
Descripción Electrónicos  1048576-word x 8-bit / 524288-word x 16-bit CMOS Flash Memory
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN29WT800 Datasheet(HTML) 31 Page - Hitachi Semiconductor

Back Button HN29WT800 Datasheet HTML 27Page - Hitachi Semiconductor HN29WT800 Datasheet HTML 28Page - Hitachi Semiconductor HN29WT800 Datasheet HTML 29Page - Hitachi Semiconductor HN29WT800 Datasheet HTML 30Page - Hitachi Semiconductor HN29WT800 Datasheet HTML 31Page - Hitachi Semiconductor HN29WT800 Datasheet HTML 32Page - Hitachi Semiconductor HN29WT800 Datasheet HTML 33Page - Hitachi Semiconductor HN29WT800 Datasheet HTML 34Page - Hitachi Semiconductor HN29WT800 Datasheet HTML 35Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
HN29WT800 Series, HN29WB800 Series
31
Data Protection Operation
Page programming and Block Erasing can be locked by programming a nonvolatile lock bit for each block.
When
WP is V
IL level, those locked blocks as reflected by the Block-Lock Status bits, are protected from
inadvertent Page programming or Block Erasing.
Programmed block data and Lock-Bit Data can be locked When
WP is V
IL level.
Operation start
Operation end
Lock bit data programmed
Page program error (SR.4 = 1)
Write page program command (41H)
Write clear status register command (50H)
Write page program data
(WDn, n = 00H to FFH, 00H to 7FH)
WP = VIL level (Block lock!)
Operation start
Operation end
Lock bit data programmed
Block erase error (SR.5 = 1)
Write block erase command (20H)
Write clear status register command (50H)
Write erase confirm command (D0H)
WP = VIL level (Block lock!)


Número de pieza similar - HN29WT800

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HN29W12811 HITACHI-HN29W12811 Datasheet
315Kb / 42P
   128M AND type Flash Memory More than 8,029-sector (135,657,984-bit)
HN29W12811T-60 HITACHI-HN29W12811T-60 Datasheet
315Kb / 42P
   128M AND type Flash Memory More than 8,029-sector (135,657,984-bit)
HN29W25611 HITACHI-HN29W25611 Datasheet
347Kb / 43P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
HN29W25611T HITACHI-HN29W25611T Datasheet
331Kb / 42P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
HN29W25611T-50 HITACHI-HN29W25611T-50 Datasheet
347Kb / 43P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
More results

Descripción similar - HN29WT800

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HN62408 HITACHI-HN62408 Datasheet
189Kb / 5P
   524288-WORD X 16-BIT/1048576-WORD X 8-BIT CMOS MASK PROGRAMMABLE ROM
logo
Mitsubishi Electric Sem...
M5M28F101AFP MITSUBISHI-M5M28F101AFP Datasheet
96Kb / 10P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
logo
List of Unclassifed Man...
HN28F101 ETC-HN28F101 Datasheet
106Kb / 18P
   131072-word x 8-bit CMOS Flash Memory
logo
Hitachi Semiconductor
HM5118165A HITACHI-HM5118165A Datasheet
1Mb / 27P
   1048576-word x 16-bit Dynamic Random Access Memory
HM5118165B HITACHI-HM5118165B Datasheet
1Mb / 31P
   1048576-word x 16-bit Dynamic Random Access Memory
HM5118160B HITACHI-HM5118160B Datasheet
1Mb / 27P
   1048576-word x 16-bit Dynamic Random Access Memory
logo
OKI electronic componet...
MR27V1652E OKI-MR27V1652E Datasheet
151Kb / 15P
   1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
logo
Hitachi Semiconductor
HM5118160 HITACHI-HM5118160 Datasheet
1Mb / 33P
   1048576-word x 16-bit Dynamic RAM
HN62334B HITACHI-HN62334B Datasheet
822Kb / 7P
   524288-word x 8-bit CMOS Mask Programmable ROM
logo
Toshiba Semiconductor
TC514800AJ TOSHIBA-TC514800AJ Datasheet
1Mb / 21P
   524288 WORD X 8 BIT DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com