Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL12029IV30AZ-T Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL12029IV30AZ-T
Descripción Electrónicos  Real Time Clock/Calendar with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12029IV30AZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL12029IV30AZ-T Datasheet HTML 1Page - Intersil Corporation ISL12029IV30AZ-T Datasheet HTML 2Page - Intersil Corporation ISL12029IV30AZ-T Datasheet HTML 3Page - Intersil Corporation ISL12029IV30AZ-T Datasheet HTML 4Page - Intersil Corporation ISL12029IV30AZ-T Datasheet HTML 5Page - Intersil Corporation ISL12029IV30AZ-T Datasheet HTML 6Page - Intersil Corporation ISL12029IV30AZ-T Datasheet HTML 7Page - Intersil Corporation ISL12029IV30AZ-T Datasheet HTML 8Page - Intersil Corporation ISL12029IV30AZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
FN6206.6
October 18, 2006
Watchdog Timer/Low Voltage Reset Parameters
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
(Note 5)
MAX
UNITS
NOTES
tRPD
VDD Detect to RESET LOW
500
ns
9
tPURST
Power Up Reset Time-Out Delay
100
250
400
ms
VRVALID
Minimum VDD for Valid RESET
Output
1.0
V
VRESET
ISL12029-4.5A Reset Voltage Level
4.59
4.64
4.69
V
ISL12029 Reset Voltage Level
4.33
4.38
4.43
V
ISL12029-3 Reset Voltage Level
3.04
3.09
3.14
V
ISL12029-2.7A Reset Voltage Level
2.87
2.92
2.97
V
ISL12029-2.7 Reset Voltage Level
2.58
2.63
2.68
V
tWDO
Watchdog Timer Period
32.768kHz crystal between X1
and X2
1.70
1.75
1.801
s
725
750
775
ms
225
250
275
ms
tRST
Watchdog Timer Reset Time-Out
Delay
32.768kHz crystal between X1
and X2
225
250
275
ms
tRSP
I2C Interface Minimum Restart Time
1.2
µs
EEPROM SPECIFICATIONS
EEPROM Endurance
>2,000,000
Cycles
EEPROM Retention
Temperature
≤ +75°C
50
Years
Serial Interface (I2C) Specifications
DC/AC Characteristics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
VIL
SDA, and SCL Input Buffer LOW
Voltage
SBIB = 1 (Under VDD mode)
-0.3
0.3 x VDD
V
VIH
SDA, and SCL Input Buffer HIGH
Voltage
SBIB = 1 (Under VDD mode)
0.7 x VDD
VDD + 0.3
V
Hysteresis SDA and SCL Input Buffer
Hysteresis
SBIB = 1 (Under VDD mode)
0.05 x VDD
V
VOL
SDA Output Buffer LOW Voltage
IOL =4mA
0
0.4
V
ILI
Input Leakage Current on SCL
VIN = 5.5V
0.1
10
µA
ILO
I/O Leakage Current on SDA
VIN = 5.5V
0.1
10
µA
TIMING CHARACTERISTICS
fSCL
SCL Frequency
400
kHz
tIN
Pulse Width Suppression Time at
SDA and SCL Inputs
Any pulse narrower than the max
spec is suppressed.
50
ns
tAA
SCL Falling Edge to SDA Output
Data Valid
SCL falling edge crossing 30% of
VDD, until SDA exits the 30% to
70% of VDD window.
900
ns
tBUF
Time the Bus Must be Free Before
the Start of a New Transmission
SDA crossing 70% of VDD during
a STOP condition, to SDA
crossing 70% of VDD during the
following START condition.
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VDD
crossing.
1300
ns
ISL12029


Número de pieza similar - ISL12029IV30AZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL12029IV30AZ INTERSIL-ISL12029IV30AZ Datasheet
580Kb / 30P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029IV30AZ INTERSIL-ISL12029IV30AZ Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12029IV30AZ RENESAS-ISL12029IV30AZ Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results

Descripción similar - ISL12029IV30AZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1240 XICOR-X1240 Datasheet
74Kb / 19P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226_06 Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226 Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com