Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA3755 Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza TDA3755
Descripción Electrónicos  PAL/NTSC/SECAM synchronization processor for video recorders
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3755 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA3755 Datasheet HTML 2Page - NXP Semiconductors TDA3755 Datasheet HTML 3Page - NXP Semiconductors TDA3755 Datasheet HTML 4Page - NXP Semiconductors TDA3755 Datasheet HTML 5Page - NXP Semiconductors TDA3755 Datasheet HTML 6Page - NXP Semiconductors TDA3755 Datasheet HTML 7Page - NXP Semiconductors TDA3755 Datasheet HTML 8Page - NXP Semiconductors TDA3755 Datasheet HTML 9Page - NXP Semiconductors TDA3755 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
June 1986
6
Philips Semiconductors
Product specification
PAL/NTSC/SECAM synchronization
processor for video recorders
TDA3755
Test picture/mute/synthetic sync pulse
Minimum voltage at pin 11 for
test picture mode active (note 5)
V11-15
4,8
−−
V
Maximum voltage at pin 11 for
test picture mode inactive
V11-15
−−
3,8
V
Output voltage at pin 16
at test picture “black” or at mute
V16-15
2,75
V
at test picture “white”
V16-15
4,50
V
at “in sync condition”
V16-15
−−
0,5
V
Input current (pin 11)
−I11
−−
25
µA
Oscillator/phase detector
Oscillator frequency (note 6)
PAL
fosc
5,02
MHz
NTSC
fosc
5,04
MHz
Oscillator conversion gain
ko
16,13
MHz/mA
D.C. control voltage
V6-15
2,1
V
Input current for f = 5,016 MHz
−I16
310
−µA
Holding range (note 7)
∆f
± 3,2
−−
%
Catching range (note 7)
∆f
± 3,0
−−
%
Control loop gain
kv
380
s−1
× 103
Output of lower subcarrier (note 8)
(peak-to-peak value)
V8-15(p-p)
3
V
Output current
I8
−−
2mA
D.C. output voltage
V8-15
3,1
V
2nd harmonic suppression
without switching
α2nd
20
−−
dB
Switching position prior to centre
of sync pulse (pin 3)
ts
2
−µs
Output peak current of phase detector
during sync pulse
± I5
3,78
mA
Output voltage range (note 9)
V5-15
1,4
2,8
V
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT


Número de pieza similar - TDA3755

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
   STEPPER MOTOR DRIVE CIRCUIT
logo
NXP Semiconductors
TDA3724 PHILIPS-TDA3724 Datasheet
78Kb / 2P
   SECAM IDENTIFICATION CIRCUIT
September 1985
TDA3740 PHILIPS-TDA3740 Datasheet
301Kb / 7P
   VIDEO PROCESSOR AND FREQUENCY MODULATOR FOR VIDEO RECORDERS
March 1986
More results

Descripción similar - TDA3755

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zoran Corporation
CVE3 ZORAN-CVE3 Datasheet
232Kb / 2P
   NTSC/PAL/SECAM Video Encoder
logo
List of Unclassifed Man...
M61260BFP ETC2-M61260BFP Datasheet
76Kb / 1P
   TV Signal Processor for PAL/SECAM/NTSC
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VQ AKM-AK8859VQ Datasheet
703Kb / 73P
   NTSC/PAL/SECAM Digital Video Decoder
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
logo
Asahi Kasei Microsystem...
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
logo
Synaptics Incorporated.
CX25834 CONEXANT-CX25834 Datasheet
730Kb / 4P
   Supports NTSC/PAL/SECAM video input
logo
NXP Semiconductors
TDA9160 PHILIPS-TDA9160 Datasheet
220Kb / 27P
   PAL/NTSC/SECAM decoder/sync processor
December 1991
TDA4725T PHILIPS-TDA4725T Datasheet
425Kb / 13P
   SECAM-L CHROMINANCE PROCESSOR FOR VHS VIDEO RECORDERS
October 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com