Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SI5945DU Datasheet(PDF) 2 Page - Vishay Siliconix

No. de Pieza. SI5945DU
Descripción  Dual P-Channel 20-V (D-S) MOSFET
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

SI5945DU Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Vishay Siliconix
SPICE Device Model Si5945DU
www.vishay.com
Document Number: 74129
S-51988
⎯Rev. A, 03-Oct-05
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250μA
0.80
V
On-State Drain Current
a
ID(on)
VDS ≤ −5V, VGS = −4.5V
60
A
VGS = −4.5V, ID = −3.3 A
0.063
0.060
VGS = −2.5V, ID = −2.8 Α
0.082
0.083
Drain-Source On-State Resistance
a
rDS(on)
VGS = −1.8V, ID = −0.76 Α
0.107
0.108
Ω
Forward Transconductance
a
gfs
VDS = −10V, ID = −3.3 A
11
9
S
Diode Forward Voltage
a
VSD
IS = −1A, VGS = 0 V
−0.78
−0.80
V
Dynamic
b
Input Capacitance
Ciss
589
455
Output Capacitance
Coss
103
105
Reverse Transfer Capacitance
Crss
VDS = −10 V, VGS = 0 V, f = 1 MHz
57
65
pF
VDS = −10 V, VGS = −8 V, ID = −4.6 A
8.4
9.1
Total Gate Charge
Qg
5
5.5
Gate-Source Charge
Qgs
0.75
0.75
Gate-Drain Charge
Qgd
VDS = −10 V, VGS = −4.5 V, ID = −4.6 A
1.5
1.5
nC
Notes
a. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn