Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD101C Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SD101C
Descripción Electrónicos  Small Signal Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD101C Datasheet(HTML) 3 Page - Vishay Siliconix

  SD101C Datasheet HTML 1Page - Vishay Siliconix SD101C Datasheet HTML 2Page - Vishay Siliconix SD101C Datasheet HTML 3Page - Vishay Siliconix SD101C Datasheet HTML 4Page - Vishay Siliconix SD101C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SD101A / 101B / 101C
Document Number 85629
Rev. 1.4, 03-Apr-06
Vishay Semiconductors
www.vishay.com
3
Package Dimensions in mm (Inches)
Figure 3. Forward Current vs. Forward Voltage
0.01
0.10
1.00
10.00
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
V
F - Forward Voltage (V)
16206
94 9366
technical drawings
according to DIN
specifications
Standard Glass Case
54 A 2 DIN 41880
JEDEC DO 35
26 min. (1.024)
3.9 max. (0.154)
26 min. (1.024)
Cathode Identification


Número de pieza similar - SD101C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
SD101C SEMTECH-SD101C Datasheet
179Kb / 3P
   Silicon Schottky Barrier Diodes for general purpose applications
logo
SEMTECH ELECTRONICS LTD...
SD101C SEMTECH_ELEC-SD101C Datasheet
123Kb / 2P
   SILICON SCHOTTKY BARRIER DIODES
logo
Vishay Siliconix
SD101C VISHAY-SD101C Datasheet
81Kb / 4P
   Small Signal Schottky Diodes
09-Jul-2021
logo
Diodes Incorporated
SD101C DIODES-SD101C Datasheet
57Kb / 2P
   SCHOTTKY BARRIER DIODE
DS11008 Rev. I-2
logo
Shanghai Lunsure Electr...
SD101C CHENYI-SD101C Datasheet
74Kb / 2P
   small single schottky diodes
More results

Descripción similar - SD101C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com