Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

RT9205 Datasheet(PDF) 4 Page - Richtek Technology Corporation

No. de Pieza. RT9205
Descripción  Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
Descarga  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo 

RT9205 Datasheet(HTML) 4 Page - Richtek Technology Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
RT9205/A
Preliminary
www.richtek.com
DS9205/A-03 May 2003
4
Layout Placement
Layout Notes
1. Put C1 & C2 to be near the MU drain and ML source nodes.
2. Put RT9205/A to be near the COUT
3. Put CBOOT as close as to BOOT pin
4. Put CVCC as close as to VCC pin
Function Block Diagram
+
GND
BOOT
RT9205/A
VCC
CVCC
1
µF
COUT
1000
µF
+
GS
MU
D
GS
ML
D
CBOOT
0.1
µF
L
5
µH
C1
1µF
C2
470µF
GND Return
6.0V
Regulator
Control
Logic
Pow er
on Reset
Soft Start
0.8V
Reference
300kHz
Oscillator
Amp
UVP
OVP
VCC
FB
GND
BOOT
UGATE
LGATE
VCC
Error
0.8V
1V
UVP
_
LDO
PWM
SS
DRV
FBL
0.5 V
VCC
6.0V
Regulator
6.0V
Regulator
Control
Logic
Control
Logic
Pow er
on Reset
Pow er
on Reset
Soft Start
Soft Start
0.8V
Reference
0.8V
Reference
300kHz
Oscillator
300kHz
Oscillator
Amp
UVP
OVP
VCC
FB
GND
BOOT
UGATE
LGATE
VCC
Error
0.8V
1V
UVP
_
LDO
PWM
SS
DRV
FBL
0.5 V
VCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn