Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA216B Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza BTA216B
Descripción Electrónicos  Three quadrant triacs guaranteed commutation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA216B Datasheet(HTML) 5 Page - NXP Semiconductors

  BTA216B Datasheet HTML 1Page - NXP Semiconductors BTA216B Datasheet HTML 2Page - NXP Semiconductors BTA216B Datasheet HTML 3Page - NXP Semiconductors BTA216B Datasheet HTML 4Page - NXP Semiconductors BTA216B Datasheet HTML 5Page - NXP Semiconductors BTA216B Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Philips Semiconductors
Product specification
Three quadrant triacs
BTA216 series B
high commutation
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.13. TO220AB; pin 2 connected to mounting base.
Notes
1. Refer to mounting instructions for TO220 envelopes.
2. Epoxy meets UL94 V0 at 1/8".
10,3
max
3,7
2,8
3,0
3,0 max
not tinned
1,3
max
(2x)
12 3
2,4
0,6
4,5
max
5,9
min
15,8
max
1,3
2,54 2,54
0,9 max (3x)
13,5
min
October 1997
5
Rev 1.200


Número de pieza similar - BTA216B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BTA216B PHILIPS-BTA216B Datasheet
48Kb / 6P
   Triacs high commutation
October 1997 Rev 1.200
BTA216B PHILIPS-BTA216B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.200
logo
WeEn Semiconductors
BTA216B WEEN-BTA216B Datasheet
913Kb / 8P
   Triacs high commutation
logo
NXP Semiconductors
BTA216B-500B PHILIPS-BTA216B-500B Datasheet
48Kb / 6P
   Triacs high commutation
October 1997 Rev 1.200
BTA216B-500B PHILIPS-BTA216B-500B Datasheet
52Kb / 6P
   Triacs high commutation
October 1997 Rev 1.100
More results

Descripción similar - BTA216B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BTA208 PHILIPS-BTA208 Datasheet
18Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
September 1997 Rev 1.200
BTA216 PHILIPS-BTA216 Datasheet
43Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.100
BTA208SD PHILIPS-BTA208SD Datasheet
50Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
BTA208X PHILIPS-BTA208X Datasheet
49Kb / 7P
   Three quadrant triacs guaranteed commutation
October 1999
BTA212 PHILIPS-BTA212 Datasheet
44Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1997 Rev 1.000
BTA204XD PHILIPS-BTA204XD Datasheet
53Kb / 7P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
BTA216BD PHILIPS-BTA216BD Datasheet
49Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
logo
WeEn Semiconductors
BTA216-600D WEEN-BTA216-600D Datasheet
404Kb / 8P
   Three quadrant triacs guaranteed commutation
logo
NXP Semiconductors
BTA216X PHILIPS-BTA216X Datasheet
48Kb / 5P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.000
BTA208S PHILIPS-BTA208S Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com