Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC16C505 Datasheet(PDF) 3 Page - Microchip Technology

No. de pieza PIC16C505
Descripción Electrónicos  14-Pin, 8-Bit CMOS Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C505 Datasheet(HTML) 3 Page - Microchip Technology

  PIC16C505 Datasheet HTML 1Page - Microchip Technology PIC16C505 Datasheet HTML 2Page - Microchip Technology PIC16C505 Datasheet HTML 3Page - Microchip Technology PIC16C505 Datasheet HTML 4Page - Microchip Technology PIC16C505 Datasheet HTML 5Page - Microchip Technology PIC16C505 Datasheet HTML 6Page - Microchip Technology PIC16C505 Datasheet HTML 7Page - Microchip Technology PIC16C505 Datasheet HTML 8Page - Microchip Technology PIC16C505 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40192A-page 3
PIC16C505
1.0
GENERAL DESCRIPTION
The PIC16C505 from Microchip Technology is a low-
cost, high performance, 8-bit, fully static, EPROM/
ROM-based CMOS microcontroller. It employs a RISC
architecture with only 33 single word/single cycle
instructions. All instructions are single cycle (1
µs)
except for program branches which take two cycles.
The PIC16C505 delivers performance an order of mag-
nitude higher than its competitors in the same price cat-
egory. The
12-bit
wide
instructions
are
highly
symmetrical resulting in 2:1 code compression over
other 8-bit microcontrollers in its class. The easy to use
and easy to remember instruction set reduces
development time significantly.
The PIC16C505 product is equipped with special fea-
tures that reduce system cost and power requirements.
The Power-On Reset (POR) and Device Reset Timer
(DRT) eliminate the need for external reset circuitry.
There are five oscillator configurations to choose from,
including INTRC internal oscillator mode and the
power-saving LP (Low Power) oscillator. Power saving
SLEEP mode, Watchdog Timer and code protection
features improve system cost, power and reliability.
The PIC16C505 is available in the cost-effective One-
Time-Programmable (OTP) version, which is suitable
for production in any volume. The customer can take
full advantage of Microchip’s price leadership in OTP
microcontrollers while benefiting from the OTP’s
flexibility.
The PIC16C505 product is supported by a full-featured
macro assembler, a software simulator, an in-circuit
emulator, a ‘C’ compiler, a low-cost development pro-
grammer, and a full featured programmer. All the tools
are supported on IBM® PC and compatible machines.
1.1
Applications
The PIC16C505 fits perfectly in applications ranging
from personal care appliances and security systems to
low-power remote transmitters/receivers. The EPROM
technology makes customizing application programs
(transmitter codes, appliance settings, receiver fre-
quencies, etc.) extremely fast and convenient. The
small footprint packages, for through hole or surface
mounting, make this microcontroller perfect for applica-
tions with space limitations. Low-cost, low-power, high
performance, ease of use and I/O flexibility make the
PIC16C505 very versatile even in areas where no
microcontroller use has been considered before (e.g.,
timer functions, replacement of “glue” logic and PLD’s
in larger systems, coprocessor applications).


Número de pieza similar - PIC16C505

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
PIC16C50X MICROCHIP-PIC16C50X Datasheet
191Kb / 14P
   EPROM Memory Programming Specification
2001
More results

Descripción similar - PIC16C505

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
P12C508 MICROCHIP-P12C508 Datasheet
526Kb / 84P
   8-Pin, 8-Bit CMOS Microcontroller
1996
PIC12F510 MICROCHIP-PIC12F510 Datasheet
1Mb / 114P
   8/14-Pin, 8-Bit Flash Microcontroller
2006
PIC12F510 MICROCHIP-PIC12F510_07 Datasheet
1Mb / 116P
   8/14-Pin, 8-Bit Flash Microcontroller
2007
PIC16F526 MICROCHIP-PIC16F526 Datasheet
1Mb / 122P
   14-Pin, 8-Bit Flash Microcontroller
2010
PIC12F529T39A MICROCHIP-PIC12F529T39A Datasheet
1Mb / 106P
   14-Pin, 8-Bit Flash Microcontroller
11/29/11
PIC16LF1614 MICROCHIP-PIC16LF1614 Datasheet
5Mb / 584P
   14/20-Pin, 8-Bit Flash Microcontroller
07/14/15
PIC16F872 MICROCHIP-PIC16F872 Datasheet
2Mb / 160P
   28-Pin, 8-Bit CMOS FLASH Microcontroller
1999
PIC12F615 MICROCHIP-PIC12F615_05 Datasheet
177Kb / 4P
   8/14-Pin, 8-Bit Flash Microcontroller Product Brief
2005
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com