Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLBM-CS221 Datasheet(PDF) 3 Page - Delta Electronics, Inc.

No. de pieza DLBM-CS221
Descripción Electrónicos  A Class 2 Bluetooth V1.2 HCI module Suitable for various applications.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DELTA [Delta Electronics, Inc.]
Página de inicio  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DLBM-CS221 Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DLBM-CS221 Datasheet HTML 1Page - Delta Electronics, Inc. DLBM-CS221 Datasheet HTML 2Page - Delta Electronics, Inc. DLBM-CS221 Datasheet HTML 3Page - Delta Electronics, Inc. DLBM-CS221 Datasheet HTML 4Page - Delta Electronics, Inc. DLBM-CS221 Datasheet HTML 5Page - Delta Electronics, Inc. DLBM-CS221 Datasheet HTML 6Page - Delta Electronics, Inc. DLBM-CS221 Datasheet HTML 7Page - Delta Electronics, Inc. DLBM-CS221 Datasheet HTML 8Page - Delta Electronics, Inc. DLBM-CS221 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DLBM-CS220/CS221
Data Sheet
Dec 08, 2004
Proprietary Information and Specifications are Subject to Change
Confidential
5.Interface
Interface
Description
Antenna
External Antenna 50 ohm
PIO Interface
8 terminals
SPI Interface
For System debugging
PCM Interface
Pulse Code Modulation
DLBM-CS220 TX,RX,RTS,CTS
UART Interface
DLBM-CS221 TX,RX
DLBM-CS220 None.
USB Interface
DLBM-CS221 USB_DP,USB_DN
6.RF Characteristics
Operating Condition: +25℃, VDD=3.0V
RF Characteristics
Min.
Typ.
Max.
Unit
1. Fequency Range
2400 ~ 2483.5
MHz
2. Output Power
-6
1.5
4
dBm
3. Sensitivity at 0.1% BER
1) 2402MHz
-70
-80
dBm
2) 2441MHz
-70
-80
dBm
3) 2480MHz
-70
-80
dBm
4. Maximum Input Level (BER≦0.1%)
-20
0
dBm
5. Adjacent channel selectivity
1) C/I F=F0 + 1MHz
-4
0
dB


Número de pieza similar - DLBM-CS221

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Delta Electronics, Inc.
DLBM-CS222 DELTA-DLBM-CS222 Datasheet
82Kb / 9P
   Wireless communication module compliant with Bluetooth Specification V1.2.
More results

Descripción similar - DLBM-CS221

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Delta Electronics, Inc.
DLBM-CF121-MT00 DELTA-DLBM-CF121-MT00 Datasheet
392Kb / 39P
   A Class 2 Bluetooth module suitable for various applications.
logo
List of Unclassifed Man...
DLBM-CR320 ETC-DLBM-CR320 Datasheet
85Kb / 11P
   A Class 2 V2.0EDR Bluetooth HCI module suitable for various (mobile phones) applications
DFBM-CM221 ETC1-DFBM-CM221 Datasheet
379Kb / 9P
   A Class 2 Bluetooth module suitable for MP3 applications.
logo
HANAMICRON
HBM2X1M HANAMICRON-HBM2X1M Datasheet
211Kb / 18P
   Bluetooth V1.2 Class 2 Module
HBM1X1M HANAMICRON-HBM1X1M Datasheet
229Kb / 17P
   Bluetooth V1.2 Class 1 Module
logo
List of Unclassifed Man...
DLBM-CG121 ETC1-DLBM-CG121 Datasheet
318Kb / 40P
   A Class 2 Bluetooth module suitable for cellular phone, smart phone applications.
logo
Delta Electronics, Inc.
DLBM-CA120 DELTA-DLBM-CA120 Datasheet
199Kb / 17P
   A Class 2 Bluetooth module suitable for wireless Audio applications. (16, 64Kbit EEPROM)
DFBM-CR220 DELTA-DFBM-CR220 Datasheet
56Kb / 7P
   Bluetooth Module Class 2 Wireless communication module compliant with Bluetooth Specification V1.2
logo
List of Unclassifed Man...
DFBM-CF320 ETC2-DFBM-CF320 Datasheet
142Kb / 11P
   A Class 2 Bluetooth module compliant with Bluetooth Specification V2.0EDR for various application
logo
STMicroelectronics
GS-BT2416C2.H STMICROELECTRONICS-GS-BT2416C2.H Datasheet
867Kb / 18P
   Bluetooth class 2 module with embedded HCI FW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com