Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB90F362 Datasheet(PDF) 37 Page - Fujitsu Component Limited.

No. de pieza MB90F362
Descripción Electrónicos  16-bit Proprietary Microcontroller
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F362 Datasheet(HTML) 37 Page - Fujitsu Component Limited.

Back Button MB90F362 Datasheet HTML 33Page - Fujitsu Component Limited. MB90F362 Datasheet HTML 34Page - Fujitsu Component Limited. MB90F362 Datasheet HTML 35Page - Fujitsu Component Limited. MB90F362 Datasheet HTML 36Page - Fujitsu Component Limited. MB90F362 Datasheet HTML 37Page - Fujitsu Component Limited. MB90F362 Datasheet HTML 38Page - Fujitsu Component Limited. MB90F362 Datasheet HTML 39Page - Fujitsu Component Limited. MB90F362 Datasheet HTML 40Page - Fujitsu Component Limited. MB90F362 Datasheet HTML 41Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
MB90360 Series
37
■ ELECTRICAL CHARACTERISTICS
1.
Absolute Maximum Ratings
(Continued)
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage*1
VCC
VSS
− 0.3 VSS + 6.0
V
AVCC
VSS
− 0.3 VSS + 6.0
V
VCC
= AVCC*2
AVR
VSS
− 0.3 VSS + 6.0
V
AVCC
≥ AVR*2
Input voltage*1
VI
VSS
− 0.3 VSS + 6.0
V
*3
Output voltage*1
VO
VSS
− 0.3 VSS + 6.0
V
*3
Maximum clamp current
ICLAMP
−2.0
+2.0
mA
*6
Total Maximum clamp current
Σ|ICLAMP|
40
mA
*6
“L” level maximum output current
IOL1
15
mA
*4
IOL2
40
mA
*5
“L” level average output current
IOLAV1
4mA
*4
IOLAV2
30
mA
*5
“L” level maximum overall output current
ΣIOL1
125
mA
*4
ΣIOL2
160
mA
*5
“L” level average overall output current
ΣIOLAV1
40
mA
*4
+105 °C < TA ≤ +125 °C
ΣIOLAV2
*5
+105 °C < TA ≤ +125 °C
ΣIOLAV1
40
mA
*4
−40 °C ≤ TA ≤ +105 °C
ΣIOLAV2
*5
−40 °C ≤ TA ≤ +105 °C
“H” level maximum output current
IOH1
⎯−15
mA
*4
IOH2
⎯−40
mA
*5
“H” level average output current
IOHAV1
⎯−4mA *4
IOHAV2
⎯−30
mA
*5
“H” level maximum overall output current
ΣIOH1
⎯−125
mA
*4
ΣIOH2
⎯−160
mA
*5
“H” level average overall output current
ΣIOHAV1
⎯−40
mA
*4
+105 °C < TA ≤ +125 °C
ΣIOHAV2
*5
+105 °C < TA ≤ +125 °C
ΣIOHAV1
⎯−40
mA
*4
−40 °C ≤ TA ≤ +105 °C
ΣIOHAV2
*5
−40 °C ≤ TA ≤ +105 °C
Power consumption
PD
300
mW
MB90F362/T/S/TS,
MB90F367/T/S/TS
Operating temperature
TA
−40
+105
°C
−40
+125
°C*7
Storage temperature
TSTG
−55
+150
°C


Número de pieza similar - MB90F362

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
MB90F362E FUJITSU-MB90F362E Datasheet
675Kb / 60P
   16-bit Proprietary Microcontroller
MB90F362E FUJITSU-MB90F362E Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
MB90F362EPMT FUJITSU-MB90F362EPMT Datasheet
675Kb / 60P
   16-bit Proprietary Microcontroller
MB90F362EPMT FUJITSU-MB90F362EPMT Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
MB90F362ES FUJITSU-MB90F362ES Datasheet
675Kb / 60P
   16-bit Proprietary Microcontroller
More results

Descripción similar - MB90F362

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com