Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MB90F362 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

No. de Pieza. MB90F362
Descripción  16-bit Proprietary Microcontroller
Descarga  59 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90F362 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

 
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
MB90360 Series
5
* : It is setting of Jumper switch (TOOL VCC) when emulator (MB2147-01) is used. Please refer to the Emulator
hardware manual for the details.
Features
MB90367
MB90367T
MB90367S
MB90367TS
MB90V340
A-103
MB90V340
A-104
CPU
F2MC-16LX CPU
System clock
PLL clock multiplier (
× 1, × 2, × 3, × 4, × 6, 1/2 when PLL stops)
Minimum instruction execution time : 42 ns (4 MHz oscillation clock, PLL
× 6)
Sub-clock pin
(X0A, X1A)
Yes
No
(internal CR oscillation can be used as sub-clock)
Yes
Clock monitor
function
Yes
ROM
MASK ROM, 64 Kbytes
External
RAM capacitance
3 Kbytes
30 Kbytes
CAN
interface
1 channel
3 channels
Low voltage/CPU
operation
detection reset
No
Yes
No
Yes
No
Package
LQFP-48P
PGA-299C
Emulator-specific
power supply *
Yes
Corresponding
EVA product
MB90V340A-104
MB90V340A-103
Features
MB90F367
MB90F367T
MB90F367S
MB90F367TS
CPU
F2MC-16LX CPU
System clock
PLL clock multiplier
(
× 1, × 2, × 3, × 4, × 6, 1/2 when PLL stops)
Minimum instruction execution time : 42 ns
(4 MHz oscillation clock, PLL
× 6)
Sub-clock pin
(X0A, X1A)
Yes
No
(internal CR oscillation can be
used as sub-clock)
Clock monitor
function
Yes
ROM
Flash memory, 64 Kbytes
RAM capacitance
3 Kbytes
CAN
interface
1 channel
Low voltage/CPU
operation
detection reset
No
Yes
No
Yes
Package
LQFP-48P
Corresponding
EVA product
MB90V340A-104
MB90V340A-103


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn