Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DRV401 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza DRV401
Descripción Electrónicos  Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DRV401 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button DRV401 Datasheet HTML 6Page - Burr-Brown (TI) DRV401 Datasheet HTML 7Page - Burr-Brown (TI) DRV401 Datasheet HTML 8Page - Burr-Brown (TI) DRV401 Datasheet HTML 9Page - Burr-Brown (TI) DRV401 Datasheet HTML 10Page - Burr-Brown (TI) DRV401 Datasheet HTML 11Page - Burr-Brown (TI) DRV401 Datasheet HTML 12Page - Burr-Brown (TI) DRV401 Datasheet HTML 13Page - Burr-Brown (TI) DRV401 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
DRV401
SBVS070A − JUNE 2006 − REVISED OCTOBER 2006
www.ti.com
10
TYPICAL CHARACTERISTICS (Continued)
At TA = +25°C and VDD1 = VDD2 = +5V with external 100kHz filter BW, unless otherwise noted.
90
85
80
75
70
65
60
55
50
45
−25
−50
0
25
50
75
100
125
150
PROBE DRIVER:
INTERNAL RESISTOR vs TEMPERATURE
Temperature (
_C)
Driver L
Driver H
0.10
0.08
0.06
0.04
0.02
0
−25
−50
0
25
50
75
100
125
150
OUTPUT IMPEDANCE MISMATCH OF IS1 AND IS2
vs TEMPERATURE
Temperature (
_C)
2.5010
2.5008
2.5006
2.5004
2.5002
2.5000
2.4998
2.4996
2.4994
2.4992
2.4990
−4
−6
−2
024
6
VOLTAGE REFERENCE vs LOAD CURRENT
I
LOAD (mA)
VOLTAGE REFERENCE PRODUCTION DISTRIBUTION
V
REF (V)
VOLTAGE REFERENCE DRIFT
PRODUCTION DISTRIBUTION
Voltage Reference Drift (ppm/
_C)
2.525
2.520
2.515
2.510
2.505
2.500
2.495
2.490
2.485
2.480
2.475
−25
−50
0
255075
100
125
150
VOLTAGE REFERENCE vs TEMPERATURE
Temperature (
_C)


Número de pieza similar - DRV401

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DRV401 TI-DRV401 Datasheet
868Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
DRV401 TI1-DRV401 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP Datasheet
868Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
DRV401-EP TI-DRV401-EP Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
DRV401-EP TI1-DRV401-EP Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
More results

Descripción similar - DRV401

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DRV401 TI-DRV401_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401 TI1-DRV401_17 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP Datasheet
868Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411 TI-DRV411 Datasheet
1Mb / 33P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411AIPWP TI1-DRV411AIPWP Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV401-Q1 TI1-DRV401-Q1 Datasheet
812Kb / 39P
[Old version datasheet]   DRV401-Q1 Sensor Signal Conditioning Device for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
DRV421 TI1-DRV421_16 Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV421 TI-DRV421_15 Datasheet
1Mb / 44P
[Old version datasheet]   DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com