Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC3407 Datasheet(PDF) 16 Page - Linear Technology

No. de pieza LTC3407
Descripción Electrónicos  Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC3407 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3407 Datasheet HTML 8Page - Linear Technology LTC3407 Datasheet HTML 9Page - Linear Technology LTC3407 Datasheet HTML 10Page - Linear Technology LTC3407 Datasheet HTML 11Page - Linear Technology LTC3407 Datasheet HTML 12Page - Linear Technology LTC3407 Datasheet HTML 13Page - Linear Technology LTC3407 Datasheet HTML 14Page - Linear Technology LTC3407 Datasheet HTML 15Page - Linear Technology LTC3407 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC3407
16
sn3407 3407fs
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2003
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1616
500mA (IOUT), 1.4MHz,
90% Efficiency, VIN: 3.6V to 25V, VOUT(MIN) = 1.25V IQ = 1.9mA,
High Efficiency Step-Down DC/DC Converter
ISD <1µA, ThinSOT Package
LT1940
Dual Output 1.4A(IOUT), Constant 1.1MHz,
VIN: 3V to 25V, VOUT(MIN) = 1.2V IQ = 2.5mA, ISD <1µA,
High Efficiency Step-Down DC/DC Converter
TSSOP-16E Package
LTC3252
Dual 250mA (IOUT), 1MHz, Spread Spectrum
88% Efficiency, VIN: 2.7V to 5.5V, VOUT(MIN): 0.9V to 1.6V, IQ = 60µA
Inductorless Step-Down DC/DC Converter
ISD < 1µA, DFN-12 Package
LTC3405/LTC3405A
300mA (IOUT), 1.5MHz,
96% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V IQ = 20µA,
Synchronous Step-Down DC/DC Converters
ISD <1µA, ThinSOT Package
LTC3406/LTC3406B
600mA (IOUT), 1.5MHz,
96% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V IQ = 20µA,
Synchronous Step-Down DC/DC Converters
ISD <1µA, ThinSOT Package
LTC3407
600mA (IOUT), 1.5MHz,
96% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V IQ = 40µA,
Dual Synchronous DC/DC Converter
ISD <1µA, MS10E Package, DFN Package
LTC3411
1.25A (IOUT), 4MHz,
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V IQ = 60µA,
Synchronous Step Down DC/DC Converter
ISD <1µA, MSOP-10 Package
LTC3412
2.5A (IOUT), 4MHz,
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V IQ = 60µA,
Synchronous Step Down DC/DC Converter
ISD <1µA, TSSOP-16E Package
LTC3414
4A (IOUT), 4MHz,
95% Efficiency, VIN: 2.25V to 5.5V, VOUT(MIN) = 0.8V IQ = 64µA,
Synchronous Step Down DC/DC Converter
ISD <1µA, TSSOP-28E Package
LTC3440/LTC3441
600mA/1.2A (IOUT), 2MHz/1MHz,
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 2.5V IQ = 25µA,
Synchronous Buck-Boost DC/DC Converter
ISD <1µA, MSOP-10 Package/DFN Package
LT/TP 1203 1K • PRINTED IN USA
LOAD CURRENT (mA)
1
90
80
70
60
50
40
30
10
100
1000
3407 TA05
VOUT = 3.3V
Burst Mode OPERATION
NO LOAD ON OTHER CHANNEL
4.2V
2.8V
3.6V
LOAD CURRENT (mA)
1
100
95
90
85
80
75
70
65
60
10
100
1000
3407 TA06
VOUT = 1.8V
Burst Mode OPERATION
NO LOAD ON OTHER CHANNEL
4.2V
2.8V
3.6V
Efficiency vs Load Current
Efficiency vs Load Current
RUN2
VIN
VIN = 2.8V
TO 4.2V
VOUT2 = 3.3V
AT 200mA
VOUT1 = 1.8V
AT 600mA
RUN1
POR
SW1
VFB1
GND
VFB2
SW2
MODE/SYNC
LTC3407
C1
10µF
R5
100k
POWER-ON
RESET
C4, 22pF
L1
2.2µH
L2
10µH
R4
887k
R2
887k
R1
442k
R3
196k
C3
10µF
C6
47µF
C2
10µF
3407 TA04
+
M1
D1
C1, C2, C3: TAIYO YUDEN JMK316BJ106ML
C6: SANYO 6TPB47M
D1: PHILIPS PMEG2010
L1: MURATA LQH32CN2R2M33
L2: TOKO A914BYW-100M (D52LC SERIES)
M1: SILICONIX Si2302
2mm Height Lithium-Ion Single Inductor Buck-Boost Regulator and a Buck Regulator
TYPICAL APPLICATIO


Número de pieza similar - LTC3407

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LTC3407 LINER-LTC3407 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3407 LINER-LTC3407 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
logo
Linear Integrated Syste...
LTC3407 LINEAR-LTC3407 Datasheet
205Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Linear Technology
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
More results

Descripción similar - LTC3407

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Linear Integrated Syste...
LTC3407AIDD LINEAR-LTC3407AIDD Datasheet
205Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
ams AG
AS1324 AMSCO-AS1324 Datasheet
910Kb / 20P
   1.5MHz, 600mA, DC/DC Step-Down Regulator
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6160B FEELING-FP6160B Datasheet
422Kb / 14P
   1.5MHz, 600mA Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com