Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


KSD5702 Datasheet(Hoja de datos) 4 Page - Fairchild Semiconductor

No. de Pieza. KSD5702
Descripción  High Voltage Color Display Horizontal Deflection Output (Damper Diode Built In)
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

   
 4 page
background image
15.50
±0.20
ø3.60
±0.20
2.00
±0.20
2.00
±0.20
0.85
±0.03
2.00
±0.20
5.50
±0.20
3.00
±0.20
(1.50)
3.30
±0.20
2.00
±0.20
4.00
±0.20
0.75
+0.20
–0.10
0.90
+0.20
–0.10
5.45TYP
[5.45
±0.30]
5.45TYP
[5.45
±0.30]
TO-3PF
Package Demensions
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Dimensions in Millimeters




Html Pages

1  2  3  4  5 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
2SC5612NPN TRILE DIFFUSED MESA TYPE HORIZONTAL DEFLECTION OUTPUT FOR COLOR TV 1 2 3 4 5 MoreToshiba Semiconductor
2SC5696Color TV Horizontal Deflection Output Applications 1 2 3 4 Sanyo Semicon Device
IS725HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR 1 2 3 ISOCOM COMPONENTS
LTA400W1-L01High contrast ratio high aperture structure - Color active matrix TFT Thin Film Transistor LCD liquid crystal display TV 1 2 3 4 5 MoreSamsung semiconductor
AD5744RComplete Quad 14-Bit High Accuracy Serial Input Bipolar Voltage Output DAC 1 2 3 4 5 MoreAnalog Devices
AD5764RComplete Quad 16-Bit High Accuracy Serial Input Bipolar Voltage Output DAC 1 2 3 4 5 MoreAnalog Devices
H11G1XHIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR 1 2 3 ISOCOM COMPONENTS
LT1977High Voltage 1.5A 500kHz Step-Down Switching Regulator with 100uA Quiescent Current 1 2 3 4 5 MoreLinear Technology
PS2703-1HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER 1 2 3 4 5 MoreCalifornia Eastern Labs
MMT05B350T3Thyristor Surge Protectors High Voltage Bidirectional TSPD 1 2 3 4 5 ON Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl