Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RT9703 Datasheet(PDF) 5 Page - Richtek Technology Corporation

No. de pieza RT9703
Descripción Electrónicos  80m?? 3A Smart Universal Power Switch with Flag
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9703 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9703 Datasheet HTML 1Page - Richtek Technology Corporation RT9703 Datasheet HTML 2Page - Richtek Technology Corporation RT9703 Datasheet HTML 3Page - Richtek Technology Corporation RT9703 Datasheet HTML 4Page - Richtek Technology Corporation RT9703 Datasheet HTML 5Page - Richtek Technology Corporation RT9703 Datasheet HTML 6Page - Richtek Technology Corporation RT9703 Datasheet HTML 7Page - Richtek Technology Corporation RT9703 Datasheet HTML 8Page - Richtek Technology Corporation RT9703 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
RT9703
Preliminary
Note 1. Stresses beyond those listed under Absolute Maximum Ratingsmay cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended. The human body model is a 100pF capacitor
discharged through a 1.5k
Ω resistor into input and output pins.
Note 3. The device is not guaranteed to function outside its operating conditions.
Note 4. The FLAG delay time is input voltage dependent, see Typical Operating Characteristicsgraph for further details.
Note 5. Current limit is determined by: ILIMIT = 180k/RSET, where RSET is in ohms.
Note 6. It is important to note that the maximum current limit value shall be set properly in accordance with its supply voltage
otherwise which it may result in the failure occurrence. See Maximum Current Limit vs. Supply Voltagegraph
shown on the applications information section for further details.
Note 7. For input voltage lower than 5V, the threshold level will subject to ±0.6V deviation throughout the operating junction
temperature range. Refer to the Typical Operating Characteristicsgraph for further details.
Note 8. RDS(ON) is measured at constant junction temperature by using a 1ms current pulse.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Thermal Shutdown Protection
TSD
--
130
--
°C
Thermal Shutdown Hysteresis
∆TSD
--
10
--
°C


Número de pieza similar - RT9703

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Richtek Technology Corp...
RT9703 RICHTEK-RT9703 Datasheet
246Kb / 14P
   80m廓, 3A Smart Universal Power Switch with Flag
RT9703GS RICHTEK-RT9703GS Datasheet
246Kb / 14P
   80m廓, 3A Smart Universal Power Switch with Flag
RT9703PS RICHTEK-RT9703PS Datasheet
246Kb / 14P
   80m廓, 3A Smart Universal Power Switch with Flag
RT9703 RICHTEK-RT9703_07 Datasheet
246Kb / 14P
   80m廓, 3A Smart Universal Power Switch with Flag
RT9703 RICHTEK-RT9703_11 Datasheet
262Kb / 14P
   80m廓, 3A Smart Universal Power Switch with Flag
More results

Descripción similar - RT9703

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Richtek Technology Corp...
RT9703 RICHTEK-RT9703_11 Datasheet
262Kb / 14P
   80m廓, 3A Smart Universal Power Switch with Flag
RT9703 RICHTEK-RT9703_07 Datasheet
246Kb / 14P
   80m廓, 3A Smart Universal Power Switch with Flag
RT9706 RICHTEK-RT9706_11 Datasheet
300Kb / 14P
   80m廓, 500mA High-Side Power Switch with Flag
RT9706 RICHTEK-RT9706 Datasheet
295Kb / 14P
   80m廓, 500mA High-Side Power Switch with Flag
logo
Lowpower Semiconductor ...
LPW5213 POWER-LPW5213 Datasheet
269Kb / 5P
   3A Smart Power Switch
LPW5203 POWER-LPW5203 Datasheet
238Kb / 5P
   3A Smart Power Switch
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
   80m廓, 500mA High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
   80m廓, 500mA/1.1A High Side Power Switches with Flag
RT9702 RICHTEK-RT9702 Datasheet
251Kb / 16P
   80m廓, 500mA/1.1A High-Side Power Switches with Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com