Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2694SDX Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM2694SDX
Descripción Electrónicos  30V, 600 mA Step Down Switching Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2694SDX Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2694SDX Datasheet HTML 7Page - National Semiconductor (TI) LM2694SDX Datasheet HTML 8Page - National Semiconductor (TI) LM2694SDX Datasheet HTML 9Page - National Semiconductor (TI) LM2694SDX Datasheet HTML 10Page - National Semiconductor (TI) LM2694SDX Datasheet HTML 11Page - National Semiconductor (TI) LM2694SDX Datasheet HTML 12Page - National Semiconductor (TI) LM2694SDX Datasheet HTML 13Page - National Semiconductor (TI) LM2694SDX Datasheet HTML 14Page - National Semiconductor (TI) LM2694SDX Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Start-Up Regulator, V
CC
(Continued)
Regulation Comparator
The feedback voltage at FB is compared to the voltage at the
Softstart pin (2.5V). In normal operation (the output voltage
is regulated), an on-time period is initiated when the voltage
at FB falls below 2.5V. The buck switch stays on for the
programmed on-time, causing the FB voltage to rise above
2.5V. After the on-time period, the buck switch stays off until
the FB voltage falls below 2.5V. Input bias current at the FB
pin is less than 100 nA over temperature.
Over-Voltage Comparator
The voltage at FB is compared to an internal 2.9V reference.
If the voltage at FB rises above 2.9V the on-time pulse is
immediately terminated. This condition can occur if the input
voltage or the output load changes suddenly, or if the induc-
tor (L1) saturates. The buck switch remains off until the
voltage at FB falls below 2.5V.
ON-Time Timer, and Shutdown
The on-time for the LM2694 is determined by the R
ON resis-
tor and the input voltage (V
IN), and is calculated from:
(4)
See Figure 4. The inverse relationship with V
IN results in a
nearly constant frequency as V
IN is varied. To set a specific
continuous conduction mode switching frequency (F
S), the
R
ON resistor is determined from the following:
(5)
In high frequency applications the minimum value for t
ON is
limited by the maximum duty cycle required for regulation
and the minimum off-time of 265 ns, ±15%. The minimum
off-time limits the maximum duty cycle achievable with a low
voltage at V
IN. The minimum allowed on-time to regulate the
desired V
OUT at the minimum VIN is determined from the
following:
(6)
The LM2694 can be remotely shut down by taking the
RON/SD pin below 0.8V. See Figure 10. In this mode the SS
pin is internally grounded, the on-timer is disabled, and bias
currents are reduced. Releasing the RON/SD pin allows
normal operation to resume. The voltage at the RON/SD pin
is normally between 1.5V and 3.0V, depending on V
IN and
the R
ON resistor.
20187014
FIGURE 9. Self Biased Configuration
20187019
FIGURE 10. Shutdown Implementation
www.national.com
11


Número de pieza similar - LM2694SDX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2694SD/NOPB TI-LM2694SD/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LM2694 30V, 600 mA Step Down Switching Regulator
More results

Descripción similar - LM2694SDX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2694 TI-LM2694_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM2694 30V, 600 mA Step Down Switching Regulator
logo
National Semiconductor ...
LM34919 NSC-LM34919 Datasheet
369Kb / 18P
   40V, 600 mA Step Down COT Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
   30V,2.5A Step-Down Switching Regulator
HM1484C HMSEMI-HM1484C Datasheet
1Mb / 14P
   30V, 3.1A Monolithic Step-Down Switching Regulator
logo
National Semiconductor ...
LM5009 NSC-LM5009 Datasheet
637Kb / 14P
   150 mA, 100V Step-Down Switching Regulator
LM5009 NSC-LM5009_08 Datasheet
345Kb / 16P
   150 mA, 100V Step-Down Switching Regulator
LM2695 NSC-LM2695 Datasheet
623Kb / 14P
   High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
Semtech Corporation
SC4530 SEMTECH-SC4530 Datasheet
1Mb / 23P
   30V, 300mA Output Micropower Step-Down Switching Regulator
logo
Texas Instruments
LM5009MMX TI-LM5009MMX Datasheet
949Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
LM5009 TI1-LM5009_14 Datasheet
943Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com