Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2694MTX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM2694MTX
Descripción Electrónicos  30V, 600 mA Step Down Switching Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2694MTX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2694MTX Datasheet HTML 1Page - National Semiconductor (TI) LM2694MTX Datasheet HTML 2Page - National Semiconductor (TI) LM2694MTX Datasheet HTML 3Page - National Semiconductor (TI) LM2694MTX Datasheet HTML 4Page - National Semiconductor (TI) LM2694MTX Datasheet HTML 5Page - National Semiconductor (TI) LM2694MTX Datasheet HTML 6Page - National Semiconductor (TI) LM2694MTX Datasheet HTML 7Page - National Semiconductor (TI) LM2694MTX Datasheet HTML 8Page - National Semiconductor (TI) LM2694MTX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Pin Descriptions
PIN NUMBER
NAME
DESCRIPTION
APPLICATION INFORMATION
LLP-10
TSSOP-14
1
2
SW
Switching Node
Internally connected to the buck switch source.
Connect to the inductor, free-wheeling diode, and
bootstrap capacitor.
2
3
BST
Boost pin for bootstrap capacitor
Connect a 0.022 µF capacitor from SW to the BST
pin. The capacitor is charged from VCC via an
internal diode during the buck switch off-time.
3
4
ISEN
Current sense
During the buck switch off-time, the inductor current
flows through the internal sense resistor, and out of
the ISEN pin to the free-wheeling diode. The current
limit is nominally set at 0.62A.
4
5
SGND
Current Sense Ground
Re-circulating current flows into this pin to the
current sense resistor.
5
6
RTN
Circuit Ground
Ground return for all internal circuitry other than the
current sense resistor.
6
9
FB
Voltage feedback input from the
regulated output
Input to both the regulation and over-voltage
comparators. The FB pin regulation level is 2.5V.
7
10
SS
Softstart
An internal current source charges the SS pin
capacitor to 2.5V to soft-start the reference input of
the regulation comparator.
8
11
RON/SD
On-time control and shutdown
An external resistor from VIN to the RON/SD pin
sets the buck switch on-time. Grounding this pin
shuts down the regulator.
9
12
VCC
Output of the startup regulator
The voltage at VCC is nominally regulated at 7V.
Connect a 0.1 µF, or larger capacitor from VCC to
ground, as close as possible to the pins. An external
voltage can be applied to this pin to reduce internal
dissipation. MOSFET body diodes clamp VCC to
VIN if V
CC > VIN.
10
13
VIN
Input supply voltage
Nominal input range is 8V to 30V. Input bypass
capacitors should be located as close as possible to
the VIN pin and RTN pins.
1,7,8,14
NC
No connection.
No internal connection. Can be connected to ground
plane to improve heat dissipation.
EP
EP
Exposed Pad
Exposed metal pad on the underside of the LLP
package. It is recommended to connect this pad to
the PC board ground plane to aid in heat dissipation.
www.national.com
3


Número de pieza similar - LM2694MTX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2694MTX TI-LM2694MTX Datasheet
1Mb / 26P
[Old version datasheet]   LM2694 30V, 600 mA Step Down Switching Regulator
LM2694MTX/NOPB TI-LM2694MTX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LM2694 30V, 600 mA Step Down Switching Regulator
More results

Descripción similar - LM2694MTX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2694 TI-LM2694_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM2694 30V, 600 mA Step Down Switching Regulator
logo
National Semiconductor ...
LM34919 NSC-LM34919 Datasheet
369Kb / 18P
   40V, 600 mA Step Down COT Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
   30V,2.5A Step-Down Switching Regulator
HM1484C HMSEMI-HM1484C Datasheet
1Mb / 14P
   30V, 3.1A Monolithic Step-Down Switching Regulator
logo
National Semiconductor ...
LM5009 NSC-LM5009 Datasheet
637Kb / 14P
   150 mA, 100V Step-Down Switching Regulator
LM5009 NSC-LM5009_08 Datasheet
345Kb / 16P
   150 mA, 100V Step-Down Switching Regulator
LM2695 NSC-LM2695 Datasheet
623Kb / 14P
   High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
Semtech Corporation
SC4530 SEMTECH-SC4530 Datasheet
1Mb / 23P
   30V, 300mA Output Micropower Step-Down Switching Regulator
logo
Texas Instruments
LM5009MMX TI-LM5009MMX Datasheet
949Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
LM5009 TI1-LM5009_14 Datasheet
943Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com