Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2411 Datasheet(PDF) 6 Page - Linear Technology

No. de pieza LTC2411
Descripción Electrónicos  24-Bit No Latency ADC with Differential Input and Reference in MSOP
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2411 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2411 Datasheet HTML 2Page - Linear Technology LTC2411 Datasheet HTML 3Page - Linear Technology LTC2411 Datasheet HTML 4Page - Linear Technology LTC2411 Datasheet HTML 5Page - Linear Technology LTC2411 Datasheet HTML 6Page - Linear Technology LTC2411 Datasheet HTML 7Page - Linear Technology LTC2411 Datasheet HTML 8Page - Linear Technology LTC2411 Datasheet HTML 9Page - Linear Technology LTC2411 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LTC2411/LTC2411-1
6
Total Unadjusted Error
(VCC = 5V, VREF = 5V)
VIN (V)
–2.5 –2 –1.5 –1 –0.5 0
0.5
1
1.5
2
2.5
2411 G01
3
2
1
0
–1
–2
–3
TA = 25°C
VCC = 5V
REF + = 5V
REF = GND
VINCM = 2.5V
FO = GND
TA = –45°C
TA = 90°C
VIN (V)
–1.25
–0.75
–0.25
0.25
0.75
1.25
2411 G02
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
VCC = 5V
REF + = 2.5V
REF = GND
VINCM = 2.5V
FO = GND
TA = –45°C
TA = 90°C
TA = 25°C
VIN (V)
–1.25
2
6
10
0.75
2411 G03
–2
–6
0
4
8
–4
–8
–10
– 0.75
– 0.25
0.25
1.25
TA = 90°C
VCC = 2.7V
REF + = 2.5V
REF = GND
VINCM = 1.25V
FO = GND
TA = –45°C
TA = 25°C
Total Unadjusted Error
(VCC = 5V, VREF = 2.5V)
Total Unadjusted Error
(VCC = 2.7V, VREF = 2.5V)
Integral Nonlinearity
(VCC = 5V, VREF = 5V)
VIN (V)
–2.5 –2 –1.5 –1 –0.5 0
0.5
1
1.5
2
2.5
2411 G04
3
2
1
0
–1
–2
–3
TA = 25°C
TA = 90°C
VCC = 5V
REF + = 5V
REF = GND
VINCM = 2.5V
FO = GND
TA = –45°C
Integral Nonlinearity
(VCC = 5V, VREF = 2.5V)
Integral Nonlinearity
(VCC = 2.7V, VREF = 2.5V)
VIN (V)
–1.25
–0.75
–0.25
0.25
0.75
1.25
2411 G01
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
VCC = 5V
REF + = 2.5V
REF = GND
VINCM = 2.5V
FO = GND
TA = 90°C
TA = –45°C
TA = 25°C
VIN (V)
–1.25
2
6
10
0.75
2411 G06
–2
–6
0
4
8
–4
–8
–10
– 0.75
– 0.25
0.25
1.25
TA = 90°C
VCC = 2.7V
REF + = 2.5V
REF = GND
VINCM = 1.25V
FO = GND
TA = –45°C
TA = 25°C
Noise Histogram
OUTPUT CODE (ppm OF VREF)
–2.0
6
8
10
–0.5
0.5
2411 G07
4
2
0
–1.5
–1.0
0
12
14
16
1
10,000 CONSECUTIVE
READINGS
VCC = 5V
VREF = 5V
VIN = 0V
VINCM = 2.5V
FO = GND
TA = 25°C
GAUSSIAN
DISTRIBUTION
m = –0.647ppm
σ = 0.287ppm
TIME (HOURS)
0
–2.0
–1.5
–1.0
–0.5
0
1.0
5 10 15 20
2411 G08
25 30 35 40 45 50 55 60
0.5
VCC = 5V, VREF = 5V, VIN = 0V, VINCM = 2.5V,
FO = GND, TA = 25°C, RMS NOISE = 0.29ppm
Long Term ADC Readings
INPUT DIFFERENTIAL VOLTAGE (V)
–2.5 –2 –1.5 –1 –0.5 0
0.5
1
1.5
2
2.5
2411 G09
0.5
0.4
0.3
0.2
0.1
0
TA = 25°C
VCC = 5V
VREF = 5V
VINCM = 2.5V
FO = GND
RMS Noise
vs Input Differential Voltage
TYPICAL PERFOR A CE CHARACTERISTICS


Número de pieza similar - LTC2411

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC2411-1 LINER-LTC2411-1_15 Datasheet
1Mb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2411 LINER-LTC2411_15 Datasheet
1Mb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
More results

Descripción similar - LTC2411

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC2411 LINER-LTC2411_15 Datasheet
1Mb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2411-1 LINER-LTC2411-1_15 Datasheet
1Mb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2410 LINER-LTC2410 Datasheet
778Kb / 44P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_15 Datasheet
673Kb / 48P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_09 Datasheet
667Kb / 48P
   24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
LTC2415 LINER-LTC2415_15 Datasheet
601Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415 LINER-LTC2415 Datasheet
591Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415-1 LINER-LTC2415-1_15 Datasheet
601Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2412 LINER-LTC2412_15 Datasheet
422Kb / 36P
   2-Channel Differential Input 24-Bit No Latency ADC
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com