Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TB6592FL Datasheet(PDF) 3 Page - Sipex Corporation |
|
TB6592FL Datasheet(HTML) 3 Page - Sipex Corporation |
3 / 10 page TB6592FL 2003-03-12 3 Input/Output Function (common for channel A and B) Input Output IN1 IN2 STBY PWM O1 O2 Mode H H H H L L L Short brake H L H CW/CCW L H H L L L Short brake H H L CCW/CW H L H L L L Short brake H L L H L OFF (high impedance) Stop H H/L H/L L L OFF (high impedance) Standby Operating Description · PWM control function Speed can be controlled by inputting the high-level or low-level PWM signal to the pin PWM. When PWM control is provided, normal operation and short brake operation are repeated. To prevent penetrating current, dead time t2 and t4 is provided in the IC. Note: Please hold the pin PWM high when PWM control functionn is not used. VM GND PWM ON ® OFF t2 = 400 ns (typ.) OUT1 OUT2 M PWM ON t5 VM GND OUT1 OUT2 M VM GND PWM OFF ® ON t4 = 400 ns (typ.) OUT1 OUT2 M VM M GND PWM ON t1 OUT1 OUT2 VM GND PWM OFF t3 OUT1 OUT2 M t2 GND VM Output voltage waveform (OUT1) t1 t3 t5 t4 |
Número de pieza similar - TB6592FL |
|
Descripción similar - TB6592FL |