Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MTV212M64 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza MTV212M64
Descripción Electrónicos  8051 Embedded Monitor Controller MTP Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

MTV212M64 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MTV212M64 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV212M64 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV212M64 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV212M64 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV212M64 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV212M64 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV212M64 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV212M64 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV212M64 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
MYSON
TECHNOLOGY
MTV212M64
(Rev. 1.2)
Revision 1.2
- 2 -
2000/07/04
DEVICE SUMMARY
The MTV212M is the MTP (Multi-Time Programming) type device for all of MTV212A mask ROM derivatives,
the memory size and package differences please see the table below:
Part Number
USB
ROM
RAM
Package
MTV212A16
No
16K
256
PDIP40, SDIP42, PLCC44
MTV212A24
No
24K
512
PDIP40, SDIP42, PLCC44
MTV212A32
No
32K
512
PDIP40, SDIP42, PLCC44
MTV212A32U
Yes
32K
768
PDIP40, SDIP42, PLCC44
MTV212A48U
Yes
48K
768
PDIP40, SDIP42, PLCC44
MTV212A64U
Yes
64K
1024
PDIP40, SDIP42, PLCC44
The use of Auxiliary RAM (AUXRAM) is limited for targeted mask ROM, the allowable XBANK (35h) bank
selection is defined as the table below:
Part Number
RAM
Xbnk2
Xbnk1
Xbnk0
MTV212A16
256
-
-
-
MTV212A24
512
0
0
0
0
0
1
MTV212A32
512
0
0
0
0
0
1
MTV212A32U
768
0
0
0
0
0
1
0
1
0
0
1
1
MTV212A48U
768
0
0
0
0
0
1
0
1
0
0
1
1
MTV212A64U
1024
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
Remark:
The major pin connection differences between USB (MTV212M64U) and non-USB (MTV212M64) types are
pin# 4, #5 and #6 for SDIP42 and PLCC44. The pin name of USB device is V33CAP(#4), VM(#5) and
VP(#6), while NC (No Connection) for non-USB device.


Número de pieza similar - MTV212M64

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
More results

Descripción similar - MTV212M64

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
logo
List of Unclassifed Man...
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
   8051 Embedded CRT Monitor Controller OTP Version
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com